Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812D28 Datasheet(PDF) 1 Page - Make-Ps

Part # 1812D28
Description  Single, Dual, Triple Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1812D28 Datasheet(HTML) 1 Page - Make-Ps

  1812D28 Datasheet HTML 1Page - Make-Ps 1812D28 Datasheet HTML 2Page - Make-Ps 1812D28 Datasheet HTML 3Page - Make-Ps 1812D28 Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
>> 1
The 11880000 sse
erriie
ess of 16W DC/DC converter modules combine innovative design techniques, conservative component selection and
stringent test standards to achieve very high levels of reliability, performance and power density. Per MIL-HDBK-217F, that MTBF
is >600,000 hours (+25oC Ground Benign) and greater than 125,000 hours for Airborne Inhabited. The 11880000 sse
erriie
ess has been
designed specifically to meet the rigorous demands of avionics equipment. Eight models have wide 16 VDC to 36 VDC inputs,
centered on 28 VDC. Single, dual or triple output combinations of 5, 12, 15, ±5, ±12 and ±15 VDC are provided. Standard features
include 1000 VDC input/output isolation, output ripple and noise of less than 1% and continuous short circuit protection.
Efficiency is as high as 80%. A remote ON/OFF control input and internal PI filter are standard.
Long field life is insured by extensive reliability screening at Martek Power. All 11880000 sse
erriie
ess units are designed to the require-
ments of MIL-STD-202 and MIL-STD-810. As part of the normal production processing, each unit is subjected to 72 hours of
burn-in with power cycling and load switching. The 11880000 sse
erriie
ess converters have been qualifed and meet MIL-STD-704D
emergency power conditions for aircraft, and MIL-STD-461C and MIL-STD-1275A for EMI and transient protection.
Compliance to the EMI standards of MIL-STD-461C (including CE01 and RE01) is achieved without the need for external filter-
ing components.
Each 11880000 m
mo
od
de
ell is packaged in a very low profile 2.56 x 3.0 x 0.4 inch metal case. Six-sided continuous shielding insures each
converter meets the requirements of VDE 0871 Class B for radiated emissions. Full operation is specified over the wide
temperature range of -55oC to +85oC with no derating or heatsinking required. Cooling is by free-air convection.
Martek Power’s 11880000 sse
erriie
ess has been designed to meet the military standards applicable to avionics applications. For specific
information on test methods and/or test levels or our own reliability processing, please contact the factory. Some of the
applicable military standards include:
M
MIILL--S
ST
TD
D--881100E
E
This standard establishes the methods of testing the effects of natural and induced environments on equipment
used in military applications.
M
MIILL--S
ST
TD
D--446611C
C
This stnadard sets the design and documentation requirements for controlling the electromagnetic emission
and suseptibility characteristics of electronic equipment.
M
MIILL--S
ST
TD
D--220022E
E
This standard outlines the test methods for determining a components’ resistance to the effects of natural
elements and conditions. Typically used on small components such as resistors, capacitors and transformers. Tests numbered
300 thru 399 cover electrial characteristics.
M
MIILL--S
ST
TD
D--11227755A
A
This standard describes the transient voltage characteristics and steady state limits for 28 VDC powered
circuits used in military vehicle.
M
MIILL--S
ST
TD
D--770044D
D
This standard defines the conducted electrial power characteristics for aircraft systems at the interface
between the power system and electronic equipment. It insures the compability of aircraft electric systems and ground support
D
DEESSCCRRIIPPTTIIO
ON
NS
S
1800 series
Single, Dual, Triple Output
DC/DC Converter
•• 00..440000 IInncchh CCaassee PPrrooffiillee
•• --5555ooCC ttoo ++8855ooCC A
Am
mb
biie
en
ntt O
Op
pe
erra
attiio
on
n
•• W
Wiid
de
e IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
•• IInnppuutt FFiilltteerr M
Me
ee
ettss R
Re
eq
qu
urriie
em
me
en
nttss o
off M
MIILL--S
ST
TD
D--446611C
C,,
M
MIILL--S
ST
TD
D--770044D
D a
an
nd
d M
MIILL--S
ST
TD
D--11227755A
A
•• M
Me
ee
ettss M
MIILL--S
ST
TD
D--220022 a
an
nd
d M
MIILL--S
ST
TD
D--881100 T
Te
esstt C
Co
on
nd
diittiio
on
nss
•• >>660000,,000000 H
Ho
ou
urrss M
MT
TB
BFF p
pe
err M
MIILL--H
HD
DB
BK
K--221177FF
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
FFEEA
AT
TU
UR
RE
ES
S
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1812D28

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812DD107KAT2A AVX-1812DD107KAT2A Datasheet
787Kb / 4P
   General Specifications
1812DD107KAT4A AVX-1812DD107KAT4A Datasheet
787Kb / 4P
   General Specifications
1812DD107KATUA AVX-1812DD107KATUA Datasheet
787Kb / 4P
   General Specifications
1812DD107MAT2A AVX-1812DD107MAT2A Datasheet
787Kb / 4P
   General Specifications
1812DD107MAT4A AVX-1812DD107MAT4A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 1812D28

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com