Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

300WFR Datasheet(PDF) 2 Page - Make-Ps

Part No. 300WFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

300WFR Datasheet(HTML) 2 Page - Make-Ps

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
P
PIIN
N
O
OU
UT
T
C
CH
HA
AR
RT
T
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
1.25 X 0.8 X 0.4 inches
(31.8 X 20.3 X 10.2 mm)
Non-conductive Black Plastic
UL94V-0
12 Grams
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
X.XXX= ±0.010
X.XX = ±0.25
Pin :
±0.002
±0.05
1.25 (31.8)
0.10
(2.5)
0.16 (4.1)
BOTTOM VIEW
SIDE VIEW
0.020 (0.50)
PIN DIA. TYP.
23 22
16
14
Case Size
Case Material
Flammability
Weight
Unit/Comments
o
C; Ambient
o
C; Case
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp. Range
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-25
-25
-40
Typ
Max
+71
+90
+125
95
NC = No Connection
2 3
9
11
0.100 (2.54)
0.18 (4.5)
0.40
(10.2)
0.600
(15.22)
0.80
(20.3)
Pins
2
3
9
11
14
16
22
23
Single
- Vin
- Vin
No Pin
NC
+ Vout
- Vout
+ Vin
+Vin
Dual
-Vin
-Vin
Common
- Vout
+ Vout
Common
+ Vin
+ Vin
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
>> B-53
www.make-ps.com
E-mail:info@make-ps.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn