Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

300WFR Datasheet(PDF) 4 Page - Make-Ps

Part No. 300WFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

300WFR Datasheet(HTML) 4 Page - Make-Ps

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 300WFR
100
90
80
70
60
50
40
30
20
10
0
400LFM
200LFM
100LFM
Natural
Convection
M
MA
AX
XIIM
MU
UM
M
C
CA
AP
PA
AC
CIIT
TIIV
VE
E
LLO
OA
AD
D
D
DEERRA
AT
TIIN
NG
G
C
CU
UR
RV
VE
ES
S
S
SIIN
NG
GLLE
E
O
OU
UT
TP
PU
UT
T
U
UN
NIIT
TS
S
3.3V
5V
12V
15V
4000
μF 4000μF 4000μF 4000μF
Module Output Voltage
Maximum Capacitve Load
D
DU
UA
ALL
O
OU
UT
TP
PU
UT
T
U
UN
NIIT
TS
S
Module Output Voltage
Max. Capacitve Load for each Output
±5V
±12V
±15V
1000
μF
1000
μF
1000
μF
>> B-55
www.make-ps.com
E-mail:info@make-ps.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn