Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200UFR Datasheet(PDF) 3 Page - Make-Ps

Part # 200UFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

200UFR Datasheet(HTML) 3 Page - Make-Ps

  200UFR Datasheet HTML 1Page - Make-Ps 200UFR Datasheet HTML 2Page - Make-Ps 200UFR Datasheet HTML 3Page - Make-Ps 200UFR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input Voltage
(VDC)
Input
Voltage
Range
(mA)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Efficiency
(%)
Full Load
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
2 15
D XX UFR -
Output Voltage
Series
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
Output
Configuration
(S=Single, D=Dual)
Wattage
Nominal
Input Voltage
Y
ROHS Compliant
203S24UFR
205S24UFR
212S24UFR
215S24UFR
203S48UFR
205S48UFR
212S48UFR
215S48UFR
205D24UFR
212D24UFR
215D24UFR
205D48UFR
212D48UFR
215D48UFR
24
24
24
24
48
48
48
48
24
24
24
48
48
48
9 - 36
9 - 36
9 - 36
9 - 36
18 - 75
18 - 75
18 - 75
18 - 75
9 - 36
9 - 36
9 - 36
18 - 75
18 - 75
18 - 75
3.3
5
12
15
3.3
5
12
15
±5
±12
±15
±5
±12
±15
500
400
167
134
500
400
167
134
±200
±83
±67
±200
±83
±67
20
20
20
20
15
15
15
15
20
20
20
15
15
15
97
110
106
105
49
58
54
54
144
108
106
60
55
55
71
76
79
80
70
72
78
78
73
77
79
70
76
76
>> B-39
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 200UFR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200UDP1T1A1M2RE E-SWITCH-200UDP1T1A1M2RE Datasheet
144Kb / 3P
   Electrical Rating: 0.4VA, 20V Max. (AC or DC)
200UDP1T1A1M6RE E-SWITCH-200UDP1T1A1M6RE Datasheet
144Kb / 3P
   Electrical Rating: 0.4VA, 20V Max. (AC or DC)
200UDP1T1A1M7RE E-SWITCH-200UDP1T1A1M7RE Datasheet
144Kb / 3P
   Electrical Rating: 0.4VA, 20V Max. (AC or DC)
200UDP3T1A1M2RE E-SWITCH-200UDP3T1A1M2RE Datasheet
144Kb / 3P
   Electrical Rating: 0.4VA, 20V Max. (AC or DC)
200UDP3T1A1M6RE E-SWITCH-200UDP3T1A1M6RE Datasheet
144Kb / 3P
   Electrical Rating: 0.4VA, 20V Max. (AC or DC)
More results

Similar Description - 200UFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com