Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1117 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IFX1117
Description  Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1117 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IFX1117 Datasheet HTML 3Page - Infineon Technologies AG IFX1117 Datasheet HTML 4Page - Infineon Technologies AG IFX1117 Datasheet HTML 5Page - Infineon Technologies AG IFX1117 Datasheet HTML 6Page - Infineon Technologies AG IFX1117 Datasheet HTML 7Page - Infineon Technologies AG IFX1117 Datasheet HTML 8Page - Infineon Technologies AG IFX1117 Datasheet HTML 9Page - Infineon Technologies AG IFX1117 Datasheet HTML 10Page - Infineon Technologies AG IFX1117 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Characteristics Adjustable Output Voltage Device IFX1117ME V
0
°C < T
j < 125 °C; VI = 5 V, IQ = 10 mA; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Reference voltage
V
Q
1.22
5
1.250 1.27
0
V
10 mA
I
Q ≤ 800 mA;
1.4 V
≤ (V
I-VQ) ≤ 10 V
Output voltage
V
Q
1.250 –
V
10 mA
I
Q ≤ 1000 mA;
2.65 V
V
I ≤ 15 V
Line regulation
ΔV
Q
0.035 0.2
%
1)
1) Related to V
Q
1.5 V
≤(V
I-VQ)≤ 13.75 V
Load regulation
ΔV
Q
0.2
0.4
%
1)
10 mA
I
Q ≤ 800 mA;
2)
2) Measured at constant junction temperature
0.25
%
1)
10 mA
I
Q ≤ 1.0 A
2)
Drop voltage
V
DR
1.00
1.10
V
I
Q = 100 mA
3)
3) Drop voltage measured when the output voltage has dropped 100 mV from the nominal value
obtained at
V
I = 5.0 V.
Drop voltage
V
DR
1.05
1.15
V
I
Q = 500 mA
3)
Drop voltage
V
DR
1.10
1.20
V
I
Q = 800 mA
3)
Drop voltage
V
DR
1.30
1.40
V
I
Q = 1.0 A
3)
Minimum Load
Current
4)
4) Minimum load current required to maintain regulation
I
q
1.7
5.0
mA
V
I = 15 V
Adjust Current
I
ADJ
100
120
µA
I
Q = 10 mA
Adjust Current
Change
ΔI
ADJ
2
5
µA
1.4 V
≤(V
I-VQ)≤ 13.6 V;
10 mA
I
Q ≤ 800 mA
Temperature stability
ΔV
Q
0.5
%
1)
5)
5) Specified by design; not subject to production test.
Long Term Stability
0.3
%
1)
5)
Current limit
I
Qmax
1100 –
2250 mA
V
Q = 0.5 V
RMS Output Noise
30
ppm
ppm of
V
Q, Tj = 25 °C
10 Hz
f ≤ 10 kHz 5)
Power Supply Ripple
Rejection
PSRR
65
70
dB
f
r = 120 Hz, Vr = 1 VPP
5)
IFX 1117
Data Sheet
7
Rev. 1.0, 2011-02-24


Similar Part No. - IFX1117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117 Datasheet
618Kb / 15P
   Voltage Regulator
Rev. 1.1, 2004-07-20
IFX1117 INFINEON-IFX1117 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
IFX1117-MEV33 INFINEON-IFX1117-MEV33 Datasheet
1Mb / 33P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
IFX1117-MEV33 INFINEON-IFX1117-MEV33 Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
IFX1117GSV INFINEON-IFX1117GSV Datasheet
618Kb / 15P
   Voltage Regulator
Rev. 1.1, 2004-07-20
More results

Similar Description - IFX1117

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com