Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFS150V12PT4 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFS150V12PT4
Description  MIPAQserve
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFS150V12PT4 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFS150V12PT4 Datasheet HTML 1Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 2Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 3Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 4Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 5Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 6Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 7Page - Infineon Technologies AG IFS150V12PT4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Information
MIPAQ™serve
IFS150V12PT4
preliminary data
prepared by: Marco Bohlländer
date of publication: 08.06.2010
approved by: Martin Schulz
revision: 2.0
Digital temperature output
Number of pulses within 100ms
0
100
200
300
400
500
600
700
800
900
1000
-40 -30 -20 -10
0
10
2030
405060708090 100 110 120
TNTC [°C]
Output characteristic IGBT
IC = f(UCE) @ UGSPx = 16V
0
30
60
90
120
150
180
210
240
270
300
0
0,5
1
1,5
2
2,5
3
UCE [V]
- - -
Tvj = 150°C
_____
Tvj = 25°C
Output characteristic IGBT
IC = f(UCE) @ Tvj = 150°C
0
30
60
90
120
150
180
210
240
270
300
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
UCE [V]
……..
UGSPx = 18V
- - -
UGSPx = 16V
_____
UGSPx = 14V
Switching losses diode
Erec = f(IF) @ UCE = 600V, Tvj = 150°C
0
2
4
6
8
10
12
14
16
18
0
30
60
90
120
150
180
210
240
270
300
IF [A]
____
Erec
Forward characteristic diode
IF = f(UF)
0
30
60
90
120
150
180
210
240
270
300
0 0,2 0,4 0,6 0,8
1
1,2 1,4 1,6 1,8
2 2,2 2,4
UF [V]
- - -
Tvj = 150°C
_____
Tvj = 25°C
Switching losses IGBT
Eon = f(IC), Eoff = f(IC)
UGSPx = 16V, UGSNx = -8V, Tvj = 150°C
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
IC [A]
- - -
Eoff
_____
Eon


Similar Part No. - IFS150V12PT4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFS150B12N3E4_B31 INFINEON-IFS150B12N3E4_B31 Datasheet
520Kb / 9P
   IGBT-modules
2010-06-16 revision:2.0
IFS150B12N3T4_B31 INFINEON-IFS150B12N3T4_B31 Datasheet
419Kb / 8P
   MA3AE12_EVAL – Isolating Amplifier for current measurement with MIPAQTM Base
V1.1, June 2014
IFS150B17N3E4P_B11 INFINEON-IFS150B17N3E4P_B11 Datasheet
659Kb / 9P
   MIPAQ?줮ase Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und PressFIT / bereits aufgetragenem Thermal Interface Material
V 3.0 2017-01-13
More results

Similar Description - IFS150V12PT4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFS200V12PT4 INFINEON-IFS200V12PT4 Datasheet
372Kb / 8P
   MIPAQserve
08.06.2010 revision: 2.0
IFS100V12PT4 INFINEON-IFS100V12PT4 Datasheet
383Kb / 8P
   MIPAQserve
08.06.2010 revision: 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com