Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDV05S60C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDV05S60C
Description  2nd Generation thinQ! SiC Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDV05S60C Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDV05S60C Datasheet HTML 1Page - Infineon Technologies AG IDV05S60C Datasheet HTML 2Page - Infineon Technologies AG IDV05S60C Datasheet HTML 3Page - Infineon Technologies AG IDV05S60C Datasheet HTML 4Page - Infineon Technologies AG IDV05S60C Datasheet HTML 5Page - Infineon Technologies AG IDV05S60C Datasheet HTML 6Page - Infineon Technologies AG IDV05S60C Datasheet HTML 7Page - Infineon Technologies AG IDV05S60C Datasheet HTML 8Page - Infineon Technologies AG IDV05S60C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2nd Generation thinQ!™ SiC Schottky Diode
IDV05S60C
Maximum ratings
Final Data Sheet
4
Rev. 2.0, 2010-01-08
2
Maximum ratings
3
Thermal characteristics
Table 3
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous forward current
I
F
--
5
A
T
C= < 100°C
Surge non-repetitive
I
F, SM
--
44
T
C= 25°C, tp = 10 ms
forward current, sine halfwave
-
-
39
T
C= 150°C, tp = 10 ms
Non-repetitive peak forward current
I
F, max
-
-
350
T
C= 25°C, tp = 10 µs
i² t value
∫i²dt
-
-
9
A²s
T
C= 25°C, tp = 10 ms
-6.5
T
C= 150°C, tp = 10 ms
Repetitive peak reverse voltage
V
RRM
-
-
600
V
T
j= 25°C
Diode dv/dt ruggedness
dv/dt
-
-
50
V/ns
V
R= 0...480 V
Power dissipation
P
tot
--
30
W
T
C= 25 °C
Operating and storage temperature
T
j; Tstg
- 55
-
175
°C
Mounting torque
-
-
50
Ncm
M2.5 screws
Table 4
Thermal characteristics TO-220 FullPAK
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
5
K/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s


Similar Part No. - IDV05S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV02S60C INFINEON-IDV02S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0, 2010-05-31
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDV06S60C INFINEON-IDV06S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-14
IDV08E65D2 INFINEON-IDV08E65D2 Datasheet
1Mb / 10P
   Electrically isolated FullPAK for efficient assembly
Rev.2.2,2014-08-28
More results

Similar Description - IDV05S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDT10S60C INFINEON-IDT10S60C_08 Datasheet
428Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-09
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com