Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SZN4982 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part No. SZN4982
Description  6.8 390 VOLTS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSDI [Solid States Devices, Inc]
Homepage  http://www.ssdi-power.com
Logo 

   
 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00010D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
Hermetically Glass Sealed
High Power Dissipation 5W
Tight Voltage Tolerance 5%
For other Voltage, Power, or Tolerance Consult Factory.
TX, TXV, and S-Level Screening Available 5/.
Replacement for 1N4954 – 1N4996
Part Number/Ordering Information 4/
SZN
__
__ __
└ Screening
5/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
└ Package Type 6/
__ = Axial Leaded
SMS = Surface Mount Square Tab
K = 40 Mil Lead Diameter
Device / Voltage
4954 - 4996
DIM
MIN.
MAX
A
---
.158”
B
---
.185”
C (__)
.047”
.053”
C (K)
.038”
.042”
D
1.00”
---
AXIAL (K & __)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.155”
.185”
B
.190”
.220”
C
.023”
.027”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS) All dimensions are prior to soldering
SZN4954 thru SZN4996
5 W
6.8 – 390 VOLTS
ZENER DIODES
Maximum Ratings
Symbol
SZN4954-4996
Units
Nominal Zener Voltage
VZ
6.8 - 390
V
Continuous Power @ 65ºC
PD
5
W
Operating and Storage Temp.
Top,Tstg
-65 to +175
ºC
Thermal Resistance
Junction to Lead, L=3/8” (Axial)
(__)
K - axial
RθJL
34
45
ºC/W
Thermal Resistance
Junction to End Cap (SMS)
RθJE
7
ºC/W




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl