Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SZN4978 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part No. SZN4978
Description  6.8 390 VOLTS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSDI [Solid States Devices, Inc]
Homepage  http://www.ssdi-power.com
Logo 

   
 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN4954 thru SZN4996
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00010D
DOC
Electrical Characteristics @ 25°C (Unless Otherwise Specified)
VZ
VZ
VZ
IZ (1)
ZZ
ZZK
IZK
IZ
VZ (reg) IZSM
VR
IR
∞vz
IR
@ IZ (1)
@ IZ (1)
@ IZ (1)
Test
Current
Imp.
@ IZ (1)
Knee
Imp.
@ IZK
Test
Current
Max dc
Current
@ 10 to
50 % of
IZ
Max
Peak
Surge
Test
Voltage
Reverse
Current
@ Vr
Temp.
Coeff.
@ IZ (1)
Reverse
Current
+150
ºC
Nom
Min
Max
---
Max
Max
---
Rating
Max
Rating
---
Max
Max
Max
PART
NUMBER
V
V
V
mA
mA
mA
V
A
V
μA
% / ºC
μA
SZN4991
SZN4992
SZN4993
9/
SZN4994
9/
SZN4995
9/
240
270
300
330
360
228
257
285
314
342
252
283
315
346
378
5
5
4
4
3
650
800
950
1,175
1,400
1367
1400
1433
1467
1533
1.0
1.0
1.0
1.0
1.0
19.8
17.5
15.6
14.4
13.0
22
25
28
32
35
0.40
0.35
0.30
0.25
0.22
182.0
206.0
228.0
251.0
274.0
2.0
2.0
2.0
2.0
2.0
.115
.120
.120
.120
.120
100
100
100
100
100
SZN4996
9/
390
371
409
3
1,800
1667
1.0
12.0
40
0.20
297.0
2.0
.120
100
NOTES:
1/ All zener voltages are measured with an automated test set using a 10 - 50 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
4/
For Ordering Information, Price, and Availability- Contact Factory.
5/
Screening based on MIL-PRF-19500. Screening flows available on request.
6/
Suffix “SMS” for Square Tab Surface Mount.
7/
For tighter tolerances, consult the factory.
8/
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, repeated a maximum of 1 surge per minute.
9/
Contact factory for availability




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl