Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1A30 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ1A30
Description  3.3 ??100 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ1A30 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ1A30 Datasheet HTML 1Page - Solid States Devices, Inc SZ1A30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1/
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
4/
For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
5/
Screening based on MIL-PRF-19500. Screening flows available on request.
6/
Suffix “SM” for Round Tab Surface Mount and “SMS” for Square Tab Surface Mount.
7/
Temperature Range of Coefficient is -55°C to +150°C.
8/
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square wave pulse rating is 71% of the value shown.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ1A3.3 thru SZ1A100
Electrical Characteristics @ 25°C (Unless Otherwise Specified)
Maximum
Continuous
Current
PART
NUMBER
(note 6)
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Reverse
Leakage Current
Typical
Range of
Temperature
Coefficient
(note 7)
Axial
(__)
Surface
Mount
(SM) &
(SMS)
Maximum
Surge
Current
(note 8)
Voltage Tolerance
VZ @ IZT
IZT
ZZ @
IZT
ZZK @
IZK =
10%IZT
IR @
VR
VR
10%
(A Suffix)
VR
5%
(B Suffix)
TC @
IZT
IZM
IZM
IZSM
10%
5%
Volts
mA
Ohms
μA
Volts
mV/ºC
mA
mA
SZ1A3.3
SZ1A3.6
SZ1A3.9
SZ1A4.3
SZ1A4.7
SZ1B3.3
SZ1B3.6
SZ1B3.9
SZ1B4.3
SZ1B4.7
3.3
3.6
3.9
4.3
4.7
76
69
64
58
53
10
10
9.0
9.0
8.0
400
400
400
400
500
100
100
50
10
10
0.95
0.95
0.95
0.95
0.95
1.0
1.0
1.0
1.0
1.0
-3 to 0
-3 to 0
-3 to 0
-3 to 0
-2 to 1
276
252
238
213
194
414
378
357
319.5
291
1380
1260
1190
1070
970
SZ1A5.1
SZ1A5.6
SZ1A6.2
SZ1A6.8
SZ1A7.5
SZ1B5.1
SZ1B5.6
SZ1B6.2
SZ1B6.8
SZ1B7.5
5.1
5.6
6.2
6.8
7.5
49
45
41
37
34
7.0
5.0
2.0
1.5
3.5
550
600
700
700
700
10
10
10
10
10
0.95
1.90
2.90
2.90
2.90
1.0
2.0
3.0
3.0
3.0
0 to 2
1 to 3
2 to 4
2.5 to 4.5
3 to 5
178
162
146
133
121
267
243
219
199.5
181.5
890
810
730
660
605
SZ1A8.2
SZ1A9.1
SZ1A10
SZ1A11
SZ1A12
SZ1B8.2
SZ1B9.1
SZ1B10
SZ1B11
SZ1B12
8.2
9.1
10
11
12
31
28
25
23
21
4.0
4.5
5.0
7.0
8.0
700
700
700
700
700
10
10
10
7.5
5.0
5.0
5.3
5.9
6.6
7.2
5.2
5.7
6.2
6.9
7.6
4 to 5.5
5 to 6.3
5.8 to 7.0
6.8 to 8
7.9 to 9.0
140
125
115
105
95
210
187.5
172.5
157.5
142.5
550
500
454
414
380
SZ1A13
SZ1A15
SZ1A16
SZ1A18
SZ1A20
SZ1B13
SZ1B15
SZ1B16
SZ1B18
SZ1B20
13
15
16
18
20
19
17
15.5
14.0
12.5
9.0
10
14
16
20
700
700
700
750
750
5.0
2.0
1.0
1.0
1.0
8.0
8.6
9.4
10.8
11.6
8.4
9.1
9.9
11.4
12.2
10 to 13
11 to 14
12 to 15
14 to 17
16 to 19
85
80
74
63
60
127.5
120
111
94.5
90
344
304
285
250
225
SZ1A22
SZ1A24
SZ1A27
SZ1A30
SZ1A33
SZ1B22
SZ1B24
SZ1B27
SZ1B30
SZ1B33
22
24
27
30
33
11.5
10.5
9.5
8.5
7.5
22
23
25
35
40
750
750
750
1000
1000
0.5
0.5
0.5
0.5
0.5
13.0
14.4
15.9
17.3
19.8
13.7
15.2
16.7
18.2
20.6
17 to 20
19 to 22
21 to 24
24 to 28
28 to 32
52
47
43
40
34
78
70.5
64.5
60
51
205
190
170
150
135
SZ1A36
SZ1A39
SZ1A43
SZ1A47
SZ1A51
SZ1B36
SZ1B39
SZ1B43
SZ1B47
SZ1B51
36
39
43
47
51
7.0
6.5
6.0
5.5
5.0
45
50
60
70
80
1000
1000
1500
1500
1500
0.5
0.5
0.5
0.5
0.5
21.8
24.1
26.4
28.7
30.7
22.8
25.1
27.4
29.7
32.7
30 to 35
32 to 37
35 to 40
40 to 45
44 to 50
31
28
26
23
21
46.5
42
39
34.5
31.5
125
115
110
95
90
SZ1A56
SZ1A62
SZ1A68
SZ1A75
SZ1A82
SZ1B56
SZ1B62
SZ1B68
SZ1B75
SZ1B82
56
62
68
75
82
4.5
4.0
3.7
3.3
3.0
95
110
125
150
175
2000
2000
2000
2000
3000
0.5
0.5
0.5
0.5
0.5
33.8
36.8
40.6
45.1
48.7
35.8
38.8
42.6
47.1
51.7
48 to 54
53 to 60
60 to 68
65 to 74
70 to 80
19
18
17
15
14
28.5
27
25.5
22.5
21
80
70
65
60
55
SZ1A91
SZ1A100
SZ1B91
SZ1B100
91
100
2.8
2.5
200
250
3000
3000
0.5
0.5
53.0
59.2
56.0
62.2
80 to 91
90 to 100
12
11
18
16.5
50
45
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00003G
DOC


Similar Part No. - SZ1A30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
More results

Similar Description - SZ1A30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com