Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB5S1A1A0T7GTEV Datasheet(PDF) 1 Page - GREATECS

Part # SB5S1A1A0T7GTEV
Description  Standard Slide Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB5S1A1A0T7GTEV Datasheet(HTML) 1 Page - GREATECS

  SB5S1A1A0T7GTEV Datasheet HTML 1Page - GREATECS SB5S1A1A0T7GTEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slide Switches
Standard Slide Switches
SB5 Series
SB5S1A1A1T1_ _
General Specifications:
MATERIALS
» Movable Contact:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper alloy
» Fixed Terminal:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 5A120VAC/28VDC
2A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
Ω max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
Ω min.
SB5
How to order:
1
2
3
5
sales@greatecs.com
www.greatecs.com
6
4
D
AG
AU
UT
GT
UG
UGT
E
N
blank
V
CONTACT MATERIAL:
Silver
Gold
Gold, tin-lead
Silver, tin-lead
Gold over Silver
Gold over Silver, tin-lead
SEAL:
Epoxy (Standard)
No Epoxy
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
S1
S2
S3
D1
D2
A0
A1
A2
A3
A4
A5
A7
A
B
C
D
POLES & SWITCHING:
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
DP ON-NONE-ON
DP ON-OFF-ON
ACTUATOR:
1.30 mm high
5.08 mm high
7.24 mm high
9.40 mm high
3.56 mm high
5.08 high, wide
12.32 mm high
ACTUATOR COLOR:
Black (Standard)
White
Red
Orange
E
F
G
H
K
0
1
T1
T2
T3
T51
T52
T53
T54
T6
T7
VS2
Yellow
Green
Blue
Gray
Brown
MOUNTING EARS:
No Mounting ears
With Mounting Ears
TERMINALS:
Solder Lug
PC Thru-Hole
Quick Connect
18.70 mm high Wire Wrap
24.20 mm high Wire Wrap
10.50 mm high Wire Wrap
26.97 mm high Wire Wrap
Right Angle PC Thru-Hole
Vertical Right Angle
PC Thru-Hole
V-Bracket
1
2
3
4
5
6
7
7
SB5S1A1A0T7_ _
SB5D1A1A0T7_ _
8
8
SB5D1A1A1T1_ _
SB5D1A1A0T6_ _
SB5S1A1A0T6_ _
SPDT
SPDT
DPDT
DPDT
SPDT
DPDT


Similar Part No. - SB5S1A1A0T7GTEV

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SB5S HY-SB5S Datasheet
407Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
More results

Similar Description - SB5S1A1A0T7GTEV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM13B012 ETC2-PM13B012 Datasheet
92Kb / 1P
   Standard Size Slide Switches
PM13B012 ETC-PM13B012 Datasheet
92Kb / 1P
   Standard Size Slide Switches
PM13B022 ETC2-PM13B022 Datasheet
92Kb / 1P
   Standard Size Slide Switches
M62R ETC2-M62R Datasheet
336Kb / 4P
   M Series Standard Size Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com