Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB5D1A1A1T1AUEV Datasheet(PDF) 2 Page - GREATECS

Part # SB5D1A1A1T1AUEV
Description  Standard Slide Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB5D1A1A1T1AUEV Datasheet(HTML) 2 Page - GREATECS

  SB5D1A1A1T1AUEV Datasheet HTML 1Page - GREATECS SB5D1A1A1T1AUEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Slide Switches
Standard Slide Switches
SB5 Series
SB5S1A1A0VS2_ _
sales@greatecs.com
www.greatecs.com
D
SB5D1A1A0VS2_ _
ACTUATOR OPTIONS
T51
T52
T53
T54
TERMINAL OPTIONS
MOUNTING EARS
SB5S1
SB5S2
SB5S3
SB5D1
SB5D2
SWITCH FUNCTION
MOUNTING EARS ( 3 POSITIONS ONLY)
0 without mounting ears
1 with mounting ears
for Actuator A0, A1, A2, A3, A4
for Actuator A5 only
0 without mounting ears
1 with mounting ears
for Actuator A0, A1, A2, A3, A4
PANEL MOUNTING
PANEL MOUNTING ( 3 POSITIONS ONLY )
A1 Standard
A2
A0
A3
A4
A5
Front of A0, A1, A2, A3, A4
Front of A5 (DPDT only)
T3 quick connect
T5 wire wrap
T1 solder lug
T2 PC thru-hole
SPDT
DPDT


Similar Part No. - SB5D1A1A1T1AUEV

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
SB5 BUSBOARD-SB5 Datasheet
1Mb / 2P
   SB5 Snappable PCB BreadBoard with 5-Hole Strips with power rails and plated holes.
REV 1
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
logo
Sanyo Semicon Device
SB50-09 SANYO-SB50-09 Datasheet
73Kb / 3P
   90V, 5A Rectifier
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
   90V, 5A Rectifier
SB50-18 SANYO-SB50-18 Datasheet
74Kb / 3P
   180V, 5A Rectifier
More results

Similar Description - SB5D1A1A1T1AUEV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM13B012 ETC2-PM13B012 Datasheet
92Kb / 1P
   Standard Size Slide Switches
PM13B012 ETC-PM13B012 Datasheet
92Kb / 1P
   Standard Size Slide Switches
PM13B022 ETC2-PM13B022 Datasheet
92Kb / 1P
   Standard Size Slide Switches
M62R ETC2-M62R Datasheet
336Kb / 4P
   M Series Standard Size Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com