Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD82THRS216NRTB Datasheet(PDF) 1 Page - GREATECS

Part # RD82THRS216NRTB
Description  10 x 10 mm Sealed Rotary DIP Switches (THR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD82THRS216NRTB Datasheet(HTML) 1 Page - GREATECS

  RD82THRS216NRTB Datasheet HTML 1Page - GREATECS RD82THRS216NRTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary Switches
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD82T Series
General Specifications:
FEATURES
MECHANICAL
» Life Cycle: 10.000 steps
» Operating Force: 700 gf max.
ELECTRICAL
» Contact Rating: 150mA, 24V DC (Switching)
400mA, 24V DC (None-Switching)
RD82T
How to order:
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
1
H
S
S1
10
16
TYPE OF TERMINALS:
THT Top Adjust Type
SMT Top Type
ROTOR TYPE (See Above Drawings):
Arrow Type
NO. OF POSITIONS:
10 Positions
16 Positions
R
S
TB
TR
CODE (See Page 2):
Real Code
Complementary Code
PACKAGING TYPE:
Tube
Tape & Reel (SMT Only)
1
3
4
5
6
S2
S3
Cross Type
Shaft Type
S1
S2
S3
ROTOR TYPE
ACCESSORIES
» Contact Resistance: 80m
Ω Max
» Insulation Resistance: 100M
Ω Min
RD82TA2O
RD82TSO
RD82THR
A1
A2
THT Right Angle Side Adjust Type
with Rows Spacing 2.54 mm
THT Right Angle Side Adjust Type
with Rows Spacing 5.08 mm
04
06
08
4 Positions
6 Positions
8 Positions
O
TYPE OF CASE:
Octagon Type
2
R
Round Type
6
G
Gray Code
NR Special Code 1
AK - 83
(applicable to only “S3“ actuators)
H: Grey
C: Red
A: Black
» 3 x 3 Terminal
NS
ND
NE
Special Code 2
Special Code 3
Special Code 4
SOLDERING CONDITIONS
Solder reflow max: 10s./260°C
Solder iron max: 2s./340°C
Solder bath max: 5s/280°C
» Sealing: IP 67(Dust & Waterproof )
» THR (Thru Hole Reflow solderable)


Similar Part No. - RD82THRS216NRTB

ManufacturerPart #DatasheetDescription
logo
NEC
RD82E NEC-RD82E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD82E NJSEMI-RD82E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD82EB NEC-RD82EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD82EB SEMTECH_ELEC-RD82EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD82EB1 NEC-RD82EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD82THRS216NRTB

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
   10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
   10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
A6A OMRON-A6A Datasheet
614Kb / 6P
   Sealed Rotary DIP Switch
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com