Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2HF16RTRC Datasheet(PDF) 1 Page - GREATECS

Part # RD2HF16RTRC
Description  10 x 10 mm Rotary DIP Switches with 1:4 Pinout
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD2HF16RTRC Datasheet(HTML) 1 Page - GREATECS

  RD2HF16RTRC Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary Switches
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD2 Series
RD2R1 THT Right Angle Rows Spacing 2.54 mm
General Specifications:
FEATURES
» Molded-in terminals and fully sealed construction
» Gold plated contact to ensure low contact resistance
MECHANICAL
» Mechanical Life: 2.000 steps per position
» Operating Force: 500 gf max.
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Contact Rating: 25mA, 24VDC
SOLDERING PROCESSES
» Solderability for T.H.T.: After flux 230±5°C for 5±0.5
seconds, 95% coverage
» Resistance to soldering heat for T.H.T.: 260±5°C for 5±1
seconds
» Reflow soldering heat for S.M.T. (reference only): 210°C
for 20 seconds or less, peak temperature 230°C or less
RD2
How to order:
1
2
3
4
5
6
sales@greatecs.com
www.greatecs.com
RD2S SMT with Top Tape Sealed
Optional: Shaft Cover
+
RD2R2 THT Right Angle Rows Spacing 5.08 mm
RD2H THT Top Adjust Type Terminals
4.35±0.3
4.7±0.3
3.5±0.3
4.35±0.3
4.7±0.3
3.5±0.3
1.5±0.2
6.9±0.3
0.25±0.1
2.54±0.4
6.9±0.3
7.0±0.3
0.25 ± 0.1
2.54 ± 0.4
1.5±0.2
6.9±0.3
2.34±0.3
0.25±0.1
5.08±0.4
5.08±0.4
0.25±0.1
1.5±0.2
7.0±0.3
6.9±0.3 2.34±0.3
C
B D
10±0.2
0.25±0.1
5.0±0.3
KRD
C
1 2 4 8
C
B D
10±0.3
0.6±0.1
2.54±0.2
7.62±0.4
Ø3.75±0.2
0.6±0.1
2.54±0.2
7.62±0.4
5.08 ± 0.1
2.54 ± 0.1
P.C.B. LAYOUT
7.62 ± 0.1
Ø 0.80 HOLE
8 4 2 1
C
C
B D
10±0.3
P.C.B. LAYOUT
Ø0.8 HOLE
7.62±0.2
5.08±0.1
2.54±0.1
8 4 2 1
C
0.6±0.1
2.54±0.2
5.08±0.3
10±0.3
C
B D
7.62±0.4
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
7.62±0.4
0.6±0.1
2.54±0.2
5.08±0.3
10±0.3
C
B D
7.62±0.4
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
7.62±0.4
P.C.B. LAYOUT
Ø0.8 HOLE
7.62±0.2
5.08±0.1
2.54±0.1
8 4 2 1
C
P.C.B. LAYOUT
2.54±0.1 PITCH
1.2 ± 0.1
C
8 2 4 8
7.62±0.4
2.54±0.2
0.6±0.1
5.08±0.3
Position
0 1 2 3 4 5 6 7 8 9 A B C D E F
1
2
4
8
Pin No.
KRD Shaft Cover
Real Code
(Rotor Color: White)
Complementary Code
(Rotor Color: Red)
Code
RD2HF16
Flat Rotor, 16 Positions
RD2HS16
Shaft Rotor, 16 Positions
RD2R1F16
Flat Rotor,
16 Positions
RD2R1S16
Shaft Rotor,
16 Positions
RD2R2S16
Shaft Rotor,
16 Positions
RD2R2F16
Flat Rotor,
16 Positions
RD2SF16
Flat Rotor,
16 Positions
H
R1
R2
S
F
S
08
10
16
TYPE OF TERMINALS:
THT Top Adjust Type (Standard)
THT Right Angle Side Adjust Type
with Rows Spacing 2.54 mm
THT Right Angle Side Adjust Type
with Rows Spacing 5.08 mm
SMT with Top Tape Sealed
ROTOR TYPE:
Flat Rotor
Shaft Rotor (RD2H & RD2R Only)
NO. OF POSITIONS:
8 Positions
10 Positions
16 Positions
R
S
TB
TR
D
E
CODE:
Real Code
Complementary Code
PACKAGING TYPE:
Tube
Tape & Reel (RD2S Only)
(OPTIONAL:)
SHAFT COVER COLOR:
Orange
Yellow
1
2
3
4
5
6
N02


Similar Part No. - RD2HF16RTRC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
   85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
logo
RSG Electronic Componen...
RD2-0503D10A1 RSG-RD2-0503D10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RD2-0503D10A3 RSG-RD2-0503D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
RD2-0503E10A1 RSG-RD2-0503E10A1 Datasheet
849Kb / 3P
   DC/DC-Converter
RD2-0503E10A3 RSG-RD2-0503E10A3 Datasheet
849Kb / 3P
   DC/DC-Converter
More results

Similar Description - RD2HF16RTRC

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
   10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
GREATECS
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com