Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3T110GRTR Datasheet(PDF) 1 Page - GREATECS

Part # RD3T110GRTR
Description  7.2 x 7.2 mm Rotary DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD3T110GRTR Datasheet(HTML) 1 Page - GREATECS

  RD3T110GRTR Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary Switches
7.2 x 7.2 mm Rotary DIP Switches
RD3 Series
RD3S1 SMT Top Type
RD3
How to order:
TYPE OF TERMINALS:
T1 THT Top Adjust Type
T2 THT Right Angle Type
S1 SMT Top Type
S2 SMT Right Angle Type
NO. OF POSITIONS:
10 10 Positions
16 16 Positions
GROUND TERMINAL:
N Without Ground Terminal
G With Ground Terminal
1
2
3
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
RD3S2 SMT Right Angle Type
RD3T2 THT Right Angle
RD3T1 THT Top Adjust Type
7.62±0.3
3.5
0.5
4
0.25t
9.8±0.3
0.7MIN.
0.25t
3.5
3.6
0
F 1
7.2±0.3
2 1
C
4 8
C
0
F 1
7.2±0.3
2 1
C
4 8
C
7.05±0.2
4 2 1 8 C
0
F 1
7.5
0.5
1.27±0.2
0.25t
2±0.2
4.15
0.5
3.5
0
F 1
9.6
7.5
0.8
3.5 1
4.2
4.2
1.9 1.9
2.54±0.1
2.54±0.1
Ø0.8±0.06
The hatched portion
should not receive
conductive pattern
P.C.B. LAYOUT
The hatched portion
should not receive
conductive pattern
P.C.B. LAYOUT
4.2 4.2
1.9
1.9
2.54±0.1
2.54±0.1
3±0.1
4±0.1
1.6±0.1
3±0.1
6±0.1
7.05±0.1
2.54±0.1
2.54±0.1
2.54±0.1
Ø0.8±0.1
5.08±0.1
1.27±0.1
0.7±0.1
10.6±0.1
6.5±0.1
CODE:
R Real Code
S Complementary Code
PACKAGING TYPE:
TB Tube
TR Tape & Reel (Only for RD3S)
4
5
General Specifications:
FEATURES
» Flat type with outer dimensions 7.2mm square
» Gold plated contact area ensures reliable electric
continuity for micro current
MECHANICAL
» Operating Force: 510 gf max. (rotational torque
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -25°C to +85°C
ELECTRICAL
» Contact Rating: 100mA, 5VDC
SOLDERING PROCESSES
» Solderability for THT: After flux 230±5°C for 5±0.5
seconds, 95% coverage
» Resistance to soldering heat for THT: 260±5°C for 5±1
seconds
» Reflow soldering heat for SMT (reference only): 210°C
for 20 seconds or less, peak temperature 230°C or less
P.C.B. LAYOUT
P.C.B. LAYOUT
N03


Similar Part No. - RD3T110GRTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3T100CN ROHM-RD3T100CN Datasheet
2Mb / 15P
   Nch 200V 10A Power MOSFET
logo
Inchange Semiconductor ...
RD3T100CN ISC-RD3T100CN Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RD3T110GRTR

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
Weidmuller
1806120000 WEIDMULLER-1806120000 Datasheet
491Kb / 5P
   EM, Terminal marker, 32.4 x 7.2 mm
logo
Telit loT Solutions
UE910-EU TELIT-UE910-EU Datasheet
644Kb / 2P
   HSPA 7.2/5.76 Embedded
logo
API Technologies Corp
CMD109 APITECH-CMD109 Datasheet
128Kb / 1P
   7.2 / 7.9 Diplexer
logo
GREATECS
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Telit loT Solutions
UE866 TELIT-UE866 Datasheet
413Kb / 2P
   UMTS| HSPA 7.2/5.76 Embedded
logo
Transko Electronics, In...
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
   SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
GREATECS
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com