Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK11 Datasheet(PDF) 1 Page - GREATECS

Part # RK11
Description  32 x 25 mm illuminated Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK11 Datasheet(HTML) 1 Page - GREATECS

  RK11 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
Ø23 mm Round illuminated Rocker Switches
RK12 Series
General Specifications:
FEATURES
» Round rocker switch
» Single pole or double pole
» Illuminated or non-illuminated
MATERIALS of RK12S
» Contact Arm (RK12S): Silver plated copper alloy
» Movable Contact Arm (RK12D): Phosphorus bronze
» Movable Contact (RK12D): Silver alloy
» Terminals: Silver plated copper
» Lamp: Neon for AC; Tungsten bulb for DC
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating (RK12S): 20A125VAC, 12A250VAC
10A125VAC / 6A250VAC
6A125VAC / 3A250VAC
6A250VAC
10(4)A250VAC~T125
» Rating (RK12D): 12A125VAC, 10A250VAC
10A125VAC / 8A250VAC
10A250VAC
10(4)A250V~T125/55
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK12
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
RK12S Single Pole
RK12D_ _ _U Double Poles illuminated
RK12D_ _ _N Double Poles non-illuminated
Q
4.8mm TAB, 0.8mm Thick
D1 Solder Tag Type 1
D2 Solder Tag Type 2
D3 Solder Tag Type 3
H
Thru Hole Straight
A
B
D
E
7.00
Ø 19.80
9.20
5.00
8.00
5.00
8.00
1A
2A
3B
4B
CIRCUIT
1A
2A
3B
4B
CIRCUIT
LOAD
1
2
3
CIRCUIT
PANEL CUT-OUT
Snap-in mounting
21.0±0.10
9.20
S
D
1
2
Q
D1
D2
D3
H
A
B
C
D
E
F
POLES:
Single Pole
Double Poles
SWITCHING:
ON - OFF
ON - ON (RK12S Only)
TERMINAL
(See above drawings):
Quick Connect
Solder Tag Type 1
Solder Tag Type 2
Solder Tag Type 3
Thru Hole Straight
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
N
T
U
A
H
B
A
H
B
C
F
D
G
E
ILLUMINATION:
No Illuminated (Standard)
No Illuminated with
transparent Rocker
Illuminated
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
Green
Orange
Blue (RK12S Only)
Yellow (RK12D Only)
1
2
3
4
5
6
7
TERMINAL
ACTUATOR SHAPE
PANEL SIZE
B12
Rocker Switches
32 x 25 mm illuminated Rocker Switches
RK11 Series
General Specifications:
FEATURES
» Rocker switch up to 20A 125VAC
» Illuminated or non-illuminated
MATERIALS
» Contact: Silver alloy
» Terminals: Silver plated copper
» Lamp: Neon for AC; Tungsten bulb for DC
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles at 16(4)A250VAC
50,000 cycles at 10(2)A250VAC
» Rating: 16A125VAC 1/4HP
16A250VAC1/4HP
16A250VAC
20A125VAC3/4HP
16(4)A250V~T125
10(2)A250V~T125
16(8)A250V~T125
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK11
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
9
10
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
30.0 +0.1/-0 mm 22.0 +0.1/-0 mm
1.25 to 2 mm
30.2 +0.1/-0 mm 22.0 +0.1/-0 mm
2 to 3 mm
30.5 +0.1/-0 mm 22.0 +0.1/-0 mm
T1
T2
TF
TC
TD
A
B
C
D
F
M
32.00
11.00
19.50
10.80
SPST
1
2
3
35.90
11.00
10.80
CIRCUIT
32.00
11.00
5.40
1
2
CIRCUIT
4
5
47KΩ
47KΩ
NEON
LAMP
CIRCUIT
30.50
6.90
19.0
10.50
PANEL CUT-OUT
Snap-in mounting
Y
Q
D1
D4
S
P
1
2
F
C _
Flat Actuator
(Only for illuminated)
Curve Actuator
CN Curve Actuator without Len
CC Curve Actuator with red Len
CF Curve Actuator with green Len
CD Curve Actuator with orange Len
CG Curve Actuator with blue Len
Single Shape:
Twin Shapes:
Green Len
Red Len
Orange Len
RK11D1Q2CTCL_ _N
RK11D1Q1CDN_ _W
RK11D1Q1CCAU_ _N
RK11D1Q1FAN_ _N
S
D
1
2
3
4
5
7
8
Q
D1
D4
S
P
1
2
POLES:
Single Pole
Double Poles
SWITCHING:
ON - OFF
ON - ON
ON - OFF - ON
MOM - OFF
MOM - ON
MOM - OFF - ON
MOM - OFF - MOM
TERMINAL
(See above drawings):
Quick Connect
Solder Tag Type 1
Solder Tag Type 4
Screw Tag
PC Tag
ACTUATOR SHAPE
(See above drawings):
Single
Twin
F
A
T1
N
U
L
A
A
C
N
W
P
ACTUATOR TYPE
(See above drawings):
C
CC
CF
CD
CG
ACTUATOR MARKING
(See above drawings):
B
C
D
F
M
T2
TF
TC
TD
ILLUMINATION:
No Illuminated
Illuminated (Only RK11_1)
Circuit Lens (Only RK11_1)
BASE COLOR:
Black
H Grey
B White
ACTUATOR COLOR:
Black
H Grey
B White
Red
F Green
D Orange
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
Protection Guard
1
2
3
4
5
6
7
8
9
10
TERMINAL
ACTUATOR SHAPE
ACTUATOR MARKING
PANEL SIZE
ACTUATOR TYPE
B11


Similar Part No. - RK11

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK115 TEMEX-RK115 Datasheet
379Kb / 4P
   For this product, a full detailed specification can also be delivered on request
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
logo
List of Unclassifed Man...
RK1171110-F15-41-A103 ETC1-RK1171110-F15-41-A103 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
RK1171110-F15-41-A203 ETC1-RK1171110-F15-41-A203 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
More results

Similar Description - RK11

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
GREATECS
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
   21 x 15 mm Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com