Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD1HF08RTRB Datasheet(PDF) 1 Page - GREATECS

Part # RD1HF08RTRB
Description  10 x 10 mm Rotary DIP Switches with 3:3 Pinout
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD1HF08RTRB Datasheet(HTML) 1 Page - GREATECS

  RD1HF08RTRB Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary Switches
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD1 Series
RD1R1 THT Right Angle Rows Spacing 2.54 mm
General Specifications:
FEATURES
» Molded-in terminals and fully sealed construction
» Gold plated contact to ensure low contact resistance
MECHANICAL
» Mechanical Life: 2.000 steps per position
» Operating Force: 500 gf max.
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Contact Rating: 25mA, 24VDC
SOLDERING PROCESSES
» Solderability for T.H.T.: After flux 230±5°C for 5±0.5
seconds, 95% coverage
» Resistance to soldering heat for T.H.T.: 260±5°C for 5±1
seconds
» Reflow soldering heat for S.M.T. (reference only): 210°C
for 20 seconds or less, peak temperature 230°C or less
RD1
How to order:
1
2
3
4
5
6
sales@greatecs.com
www.greatecs.com
RD1S SMT with Top Tape Sealed
Optional: Shaft Cover
+
RD1R2 THT Right Angle Rows Spacing 5.08 mm
RD1H THT Top Adjust Type Terminals
Position
0 1 2 3 4 5 6 7 8 9 A B C D E F
1
2
4
8
Pin No.
C
B D
10±0.3
5.0±0.3
5.4±0.3
3.5±0.3
1 C 4
8 C 2
0.6±0.1
2.54±0.2
5.08±0.3
C
B D
10±0.3
5.0±0.3
5.4±0.3
3.5±0.3
1.5±0.2
0.6±0.1
2.54±0.2
5.08±0.3
Ø3.75±0.2
5.08±0.1
2.54±0.1
Ø0.80 HOLE
4 C 1
2 C 8
P.C.B. LAYOUT
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
7.55±0.3
0.25±0.1
2.54±0.4
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
7.55±0.3
7.0±0.3
4.0±0.2
0.25±0.1
2.54±0.4
1.5±0.2
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
7.55±0.3
2.34±0.3
0.25±0.1
5.08±0.4
C
B D
10±0.3
0.6±0.1
2.54±0.2
5.08±0.3
P.C.B. LAYOUT
Ø0.8 HOLE
2.54±0.1
5.08±0.1
8 C 2
1 C 4
5.08±0.4
0.25±0.1
4.0±0.2
1.5±0.2
7.0±0.3
7.55±0.3
2.34±0.3
P.C.B. LAYOUT
8 C 2
1 C 4
5.08±0.1
2.54±0.1
Ø0.8 HOLE
C
B D
10±0.3
0.25±0.1
5.7±0.3
5.08±0.3
2.54±0.2
0.6±0.1
P.C.B. LAYOUT
2.54±0.1 PITCH
1.2±0.1
KRD Shaft Cover
Real Code
(Rotor Color: White)
Complementary Code
(Rotor Color: Red)
Code
KRD
RD1HF16
Flat Rotor, 16 Positions
RD1HS16
Shaft Rotor, 16 Positions
RD1R1F16
Flat Rotor,
16 Positions
RD1R1S16
Shaft Rotor,
16 Positions
RD1R2F16
Flat Rotor,
16 Positions
RD1R2S16
Shaft Rotor,
16 Positions
RD1SF16
Flat Rotor,
16 Positions
H
R1
R2
S
F
S
08
10
16
TYPE OF TERMINALS:
THT Top Adjust Type
THT Right Angle Side Adjust Type
with Rows Spacing 2.54 mm
THT Right Angle Side Adjust Type
with Rows Spacing 5.08 mm
SMT with Top Tape Sealed
ROTOR TYPE:
Flat Rotor
Shaft Rotor (RD1H & RD1R Only)
NO. OF POSITIONS:
8 Positions
10 Positions
16 Positions
R
S
TB
TR
B
C
CODE:
Real Code
Complementary Code
PACKAGING TYPE:
Tube
Tape & Reel (RD1S Only)
(OPTIONAL:)
SHAFT COVER COLOR:
White
Red
1
2
3
4
5
6
N01


Similar Part No. - RD1HF08RTRB

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-0302S10A1 RSG-RD1-0302S10A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0302S10A3 RSG-RD1-0302S10A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0303D10AX RSG-RD1-0303D10AX Datasheet
793Kb / 3P
   DC/DC-Converter
RD1-0303S02AX RSG-RD1-0303S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0303S05A1 RSG-RD1-0303S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1HF08RTRB

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
   10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
GREATECS
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com