Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB161B1TS1CEW Datasheet(PDF) 2 Page - GREATECS

Part # PB161B1TS1CEW
Description  SPST Sealed Round Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB161B1TS1CEW Datasheet(HTML) 2 Page - GREATECS

  PB161B1TS1CEW Datasheet HTML 1Page - GREATECS PB161B1TS1CEW Datasheet HTML 2Page - GREATECS PB161B1TS1CEW Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pushbutton Switches
SPST Sealed Round Pushbutton Switches
PB16 Series
sales@greatecs.com
www.greatecs.com
2
PB161
(OFF-MOM)
PB163
(OFF-ON)
LED ELECTRO-OPTICAL DATA :
2.0
2.2
2.1
2.6
2.6
2.6
3.5
3.5
3.5
60
PB161B2TS1...X
OFF-MOM
Flat Top Actuator
Threaded Bushing
Solder Lug Terminals
Illuminated with LED
IP67 for Panel Surface
PB161B2W11...
OFF-MOM
Flat Top Actuator
Threaded Bushing
Wire Terminals Type 1
IP67 for Panel Surface
PB163B2TS1...X
OFF-ON
Flat Top Actuator
Threaded Bushing
Solder Lug Terminals
Illuminated with LED
IP67 for Panel Surface
RUBBER
WASHER
.197
5.00
.370
9.40
.197
5.00
.047
1.20
.594
15.10
.015
0.40
.020
0.50
.200
5.08
.134
3.40
.130
3.30
.078
2.00
.287
7.30
6.4 1
.252
.008
0.20
.110
2.80
.196
5.00
3.94
100 5
Heat Shrink Tube
.285
7.22
.315
8.00
.484
12.30
X=LED Color
X=LED Color
MANUAL SOLDERING: Use soldering iron of 30 watts,
controlles at 350°C approximately
5 seconds while applying solder.
WAVE SOLDERING:
Recommended soldering temperature:
260±5°C 5±1 seconds
(PCB thickness 1.6mm)
SOLDERING VAPOR PHASE:
Temperature Profile
Zone
Room temperature
Time ( Sec )
Pre-heat A
150
Min 120s
Soak
B
180 ~200
Min 150s
Peak
C
200 ~235
Min 30s
Peak
D
235 ~260
Min 40s
Peak
E
260
Max 10s
Peak 260
250
200
150
100
50
A
B
C
D
E
Room
Temperature
Time Sec
SOLDERING PROCESSES
PB161B2W22...
OFF-MOM
Flat Top Actuator
Threaded Bushing
Wire Terminals Type 2
IP67 for Whole Body


Similar Part No. - PB161B1TS1CEW

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB161 LUMILEDS-PB161 Datasheet
1Mb / 2P
   Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
More results

Similar Description - PB161B1TS1CEW

ManufacturerPart #DatasheetDescription
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
   Sealed Ultraminiature Pushbutton Switches
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
   PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
   Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com