Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKYPER32PRORUL Datasheet(PDF) 1 Page - Semikron International

Part # SKYPER32PRORUL
Description  IGBT Driver Core
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKYPER32PRORUL Datasheet(HTML) 1 Page - Semikron International

  SKYPER32PRORUL Datasheet HTML 1Page - Semikron International SKYPER32PRORUL Datasheet HTML 2Page - Semikron International SKYPER32PRORUL Datasheet HTML 3Page - Semikron International SKYPER32PRORUL Datasheet HTML 4Page - Semikron International SKYPER32PRORUL Datasheet HTML 5Page - Semikron International SKYPER32PRORUL Datasheet HTML 6Page - Semikron International SKYPER32PRORUL Datasheet HTML 7Page - Semikron International SKYPER32PRORUL Datasheet HTML 8Page - Semikron International SKYPER32PRORUL Datasheet HTML 9Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SKYPER 32 PRO R UL
© by SEMIKRON
Rev. 0 – 11.08.2010
1
SKYPER®
Driver Core
IGBT Driver Core
SKYPER 32 PRO R UL
Preliminary Data
Features
• UL recognized according UL 508C
• UL report reference E242581
• Two output channels
• Integrated potential free power supply
• Under voltage protection
• Drive interlock top / bottom
• Dynamic short circuit protection
• Halt logic signal
• Failure management
• Soft turn-off
• IEC 60068-1 (climate) 40/085/56, no
condensation and no dripping water
permitted, non-corrosive, climate class
3K3 acc. EN60721
• Coated with varnish
Typical Applications*
• Driver for IGBT modules in bridge
circuits in industrial application
• DC bus voltage up to 1200V
Footnotes
VCE: With external high voltage diode
VisolIO/Visol12: Isolation test is not performed
as a series test at SEMIKRON and must be
performed by the user
VisolPD: According to VDE 0110-20
Qout/pulse can be expanded to 6,3µQ with
boost capacitors
Isolation coordination in compliance with
EN50178 PD2
Operating temperature is real ambient
temperature around the driver core
Degree of protection: IP00
This is an electrostatic discharge sensitive device (ESDS), international standard IEC
60747-1, Chapter IX
* The specifications of our components may not be considered as an assurance of component
characteristics. Components have to be tested for the respective application. Adjustments
may be necessary. The use of SEMIKRON products in life support appliances and systems is
subject to prior specification and written approval by SEMIKRON. We therefore strongly
recommend prior consultation of our personal.
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
Vs
Supply voltage primary
16
V
ViH
Input signal voltage (HIGH)
Vs + 0.3
V
ViL
Input signal voltage (LOW)
GND - 0.3
V
IoutPEAK
Output peak current
15
A
IoutAVmax
Output average current
50
mA
fmax
Max. switching frequency
50
kHz
VCE
Collector emitter voltage sense across
the IGBT
1700
V
dv/dt
Rate of rise and fall of voltage
secondary to primary side
50
kV/µs
Visol IO
Isolation test voltage input - output
(AC, rms, 2s)
4000
V
VisolPD
Partial discharge extinction voltage,
rms, QPD d 10pC
1500
V
Visol12
Isolation test voltage output 1 - output
2 (AC, rms, 2s)
1500
V
RGon min
Minimum rating for external RGon
1.5
:
RGoff min
Minimum rating for external RGoff
1.5
:
Qout/pulse
Max. rating for output charge per pulse
6.3
µC
Top
Operating temperature
-40 ... 85
°C
Tstg
Storage temperature
-40 ... 85
°C
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Vs
Supply voltage primary side
14.4
15
15.6
V
ISO
Supply current primary (no load)
80
mA
Supply current primary side (max.)
500
mA
Vi
Input signal voltage on / off
15 / 0
V
VIT+
Input treshold voltage HIGH
12.3
V
VIT-
Input threshold voltage (LOW)
4.6
V
RIN
Input resistance (switching/HALT
signal)
k:
VG(on)
Turn on output voltage
15
V
VG(off)
Turn off output voltage
-7
V
fASIC
Asic system switching frequency
8
MHz
td(on)IO
Input-output turn-on propagation time
1.2
µs
td(off)IO
Input-output turn-off propagation time
1.2
µs
td(err)
Error input-output propagation time
3.1
5.8
µs
tpERRRESET Error reset time
9
µs
tTD
Top-Bot interlock dead time
0
4.3
µs
Cps
Coupling capacitance prim sec
12
pF
w
34
g
MTBF
Mean Time Between Failure Ta = 40°C
1.3
106h


Similar Part No. - SKYPER32PRORUL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
44Kb / 1P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
644Kb / 18P
   IGBT Driver Core
SKYPER32PROR_0701 SEMIKRON-SKYPER32PROR_0701 Datasheet
644Kb / 18P
   IGBT Driver Core
More results

Similar Description - SKYPER32PRORUL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32R_0701 SEMIKRON-SKYPER32R_0701 Datasheet
638Kb / 16P
   IGBT Driver Core
SKYPER32RUL SEMIKRON-SKYPER32RUL Datasheet
444Kb / 16P
   IGBT Driver Core
SKYPER32R SEMIKRON-SKYPER32R Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER52R SEMIKRON-SKYPER52R Datasheet
846Kb / 24P
   IGBT Driver Core
SKYPER32 SEMIKRON-SKYPER32 Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PROR_0701 SEMIKRON-SKYPER32PROR_0701 Datasheet
644Kb / 18P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
44Kb / 1P
   IGBT Driver Core
SKYPER42R SEMIKRON-SKYPER42R Datasheet
618Kb / 18P
   IGBT Driver Core
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com