Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB1MSA1B11T1UGTEVC4 Datasheet(PDF) 3 Page - GREATECS

Part # PB1MSA1B11T1UGTEVC4
Description  Snap-Acting Pushbutton Switches (ON-MOM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB1MSA1B11T1UGTEVC4 Datasheet(HTML) 3 Page - GREATECS

  PB1MSA1B11T1UGTEVC4 Datasheet HTML 1Page - GREATECS PB1MSA1B11T1UGTEVC4 Datasheet HTML 2Page - GREATECS PB1MSA1B11T1UGTEVC4 Datasheet HTML 3Page - GREATECS PB1MSA1B11T1UGTEVC4 Datasheet HTML 4Page - GREATECS PB1MSA1B11T1UGTEVC4 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pushbutton Switches
Snap-Acting Pushbutton Switches (ON-MOM)
PB1M Series
sales@greatecs.com
www.greatecs.com
C
PB1MSAP4
□□T1_ _ _ _
FRAME COLOR
CAP COLOR
A
BLACK
B
WHITE
C
RED
D
ORANGE
E
YELLOW
F
GREEN
G
BLUE
K
BROWN
H
GRAY
AP4: Cap & Frame
AP3: Cap only
PB1MDAP4
□□T1_ _ _ _
FRAME COLOR
CAP COLOR
A
BLACK
B
WHITE
C
RED
D
ORANGE
E
YELLOW
F
GREEN
G
BLUE
K
BROWN
H
GRAY
AP4: Cap & Frame
AP3: Cap only
PB1MSAP5
□□T1_ _ _ _
FRAME COLOR
CAP COLOR
A
BLACK
B
WHITE
C
RED
AP5: Cap & FRAME
LED COLORS:
C
RED
D
ORANGE
F
GREEN
PB1MSAP5
□□T1_ _ _ _
FRAME COLOR
CAP COLOR
A
BLACK
B
WHITE
C
RED
AP5: Cap & FRAME
LED COLORS:
C
RED
D
ORANGE
F
GREEN
SWITCH FUNCTION
PB1MS
PB1MD
BUSHING OPTIONS
B10 THD STD
B20 NON THD
B11 THD STD
B21 NON THD
TERMINAL OPTIONS
T1 Solder Lug
T2 PC Thru Hole
T3 Quick Connect
T5 Wire Wrap
T5-1
T5-2
T5-3
T5-4
SNAP-IN TERMINAL OPTIONS
T6N
V2N


Similar Part No. - PB1MSA1B11T1UGTEVC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB1 ETC2-PB1 Datasheet
113Kb / 1P
   Potting Boxes
logo
Pepperl+Fuchs Inc.
PB1-008-6 PF-PB1-008-6 Datasheet
239Kb / 2P
   Palm Button
PB1-010-9 PF-PB1-010-9 Datasheet
242Kb / 2P
   Palm Button
logo
Won-Top Electronics
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1000 DIOTEC-PB1000 Datasheet
309Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - PB1MSA1B11T1UGTEVC4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com