Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W4Z3E1C1E Datasheet(PDF) 2 Page - OptoSupply International

Part # W4Z3E1C1E
Description  4PCS Xeon 1 Power LED Green light source, fast response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

W4Z3E1C1E Datasheet(HTML) 2 Page - OptoSupply International

  W4Z3E1C1E Datasheet HTML 1Page - OptoSupply International W4Z3E1C1E Datasheet HTML 2Page - OptoSupply International W4Z3E1C1E Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Overall luminous flux
M5Z3E1C1E
Warm
White
X=0.45,Y=0.41
340lm
W4Z3E1C1E
Pure
White
X=0.31,Y=0.33
360lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
11.4
V
Input Current (DC)
Ii
600
mA
Power Dissipation
Pa
6.8
W
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
4.8
6.8
w
Input Voltage(DC)
Vi
-
10
11.4
V
Product Input Current
If
-
480
600
mA
Beam Pattern
BP
-
120
-
Deg
Total Diameter of PCB
Lmod.
-
28
-
mm
Net Weight
Wei.
---
6
---
g
Model No.
OSPR4X01-
XXZ3E1C1E
REV.
C1


Similar Part No. - W4Z3E1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
W4Z3E1C1E OPTOSUPPLY-W4Z3E1C1E Datasheet
888Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
More results

Similar Description - W4Z3E1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPL4X01-XXZ3E1C1E OPTOSUPPLY-OSPL4X01-XXZ3E1C1E Datasheet
888Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
OSPR4X01-M5Z3E1C1E OPTOSUPPLY-OSPR4X01-M5Z3E1C1E Datasheet
883Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-XXXME1C1E OPTOSUPPLY-OSPR3XX3-XXXME1C1E Datasheet
45Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR9X02-XXXME1C1E OPTOSUPPLY-OSPR9X02-XXXME1C1E Datasheet
47Kb / 2P
   9PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX2-R5XME1C1E OPTOSUPPLY-OSPR6XX2-R5XME1C1E Datasheet
50Kb / 2P
   6PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-R5XME1C1E OPTOSUPPLY-OSPR3XX3-R5XME1C1E Datasheet
45Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX1-XXXME1C1E OPTOSUPPLY-OSPR3XX1-XXXME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR9X02-R5XME1C1E OPTOSUPPLY-OSPR9X02-R5XME1C1E Datasheet
47Kb / 2P
   9PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX1-R5XME1C1E OPTOSUPPLY-OSPR6XX1-R5XME1C1E Datasheet
45Kb / 2P
   6PCS Xeon 1 Power LED Green light source, fast response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com