Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB161B1TS1GNW Datasheet(PDF) 3 Page - GREATECS

Part # PB161B1TS1GNW
Description  SPST Sealed Round Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB161B1TS1GNW Datasheet(HTML) 3 Page - GREATECS

  PB161B1TS1GNW Datasheet HTML 1Page - GREATECS PB161B1TS1GNW Datasheet HTML 2Page - GREATECS PB161B1TS1GNW Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pushbutton Switches
SPST Sealed Round Pushbutton Switches
PB16 Series
sales@greatecs.com
www.greatecs.com
3
INITIAL CONTACT RESISTANCE:
INSULATION RESISTANCE: 1G min.at 500VDC.
DIELECTRIC STRENGTH:1,000 VAC rms.
ELECTRICAL LIFE AT FULL LOAD: 500,000 cycles.
OPERATING TEMPERATURE: -30°C to 85°C.
TOTAL TRAVEL:
PANEL THICKNESS:
OPERATING FORCE:
CONTACT BOUNCE:10 ms.
MECHANICAL LIFE:1,000,000 cycles.
TORQUE:1.5 Nm max.applied to nut.
2N~5N
5.5N+/-1.5N.
- B1 bushing : 0.8 mm (.031) min. -1.8 mm (.071) max.
- B2 bushing : 1.5 mm (.059) min. -4 mm (.157) max.
- B3 bushing : 3.0±0.25 mm (.118)
- B2 bushing : 1.5 mm (.059) min. -5.5 mm (.217) max.
1.5 mm(.59)
2.5 mm(.98)
50m max.
100m max.
PB16 1 / 2
PB16 3
400mA 32VAC-100mA 50VDC-125mA 125VAC
100mA 24VDC-life expectancy 200,000 cycles
2A 125VAC-life expectancy 10,000 cycles
SWITCH FUNCTION
PB161
N
E
P
O
PB162
P
S
1-3
ON
OFF(MOM)
SP
PB163
OFF
ON
GENERAL SPECIFICATIONS
RATING:
PB16 1 / 2
PB16 3
PB16 1 / 2
PB16 3
HARDWARE
M12 PA Nuts
Locking Washer
Rubber Washer
Cap
PB16 1 / 2
PB16 3
PB16 1 / 2
PB16 3


Similar Part No. - PB161B1TS1GNW

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB161 LUMILEDS-PB161 Datasheet
1Mb / 2P
   Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
More results

Similar Description - PB161B1TS1GNW

ManufacturerPart #DatasheetDescription
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
   Sealed Ultraminiature Pushbutton Switches
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
   PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
   Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com