Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSI5LA5113A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSI5LA5113A
Description  5mm Round Infrared LED 5mm Round Standard Directivity Superior Weather-resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSI5LA5113A Datasheet(HTML) 1 Page - OptoSupply International

  OSI5LA5113A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d IIn
nffr
ra
ar
re
ed
d L
LE
ED
D
OSI5LA5113A
Features
Outline Dimension
High Radiant Power LEDs
55mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Color Transparent Type
Applications
IrDA
Encoder
Data Communication
Unit:mm
Tolerance:+0.3mm
5.0
0.5+0.1
2.54
1
2
1:ANODE
2:CATHODE
Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
100
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
180
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
* Pulse Width≦100us, Duty≦1/100
Electrical -Optical Characteristics
(Ta=25
)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=100mA
-
1.6
1.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Peak Wavelength
λp
IF=100mA
-
940
-
nm
Radiant Intensity*
Ie
IF=100mA
-
35
45
mW/Sr
50% Power Angle
1/2
IF=100mA
-
15
-
deg
*1 Tolerance of Peak wavelength is +1nm
*2 Tolerance of l Radiant Intensity is +15%
LED & Application Technologies


Similar Part No. - OSI5LA5113A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSI5LA5113A OPTOSUPPLY-OSI5LA5113A Datasheet
174Kb / 1P
   5mm Round Infrared LED
OSI5LA5113A OPTOSUPPLY-OSI5LA5113A_11 Datasheet
174Kb / 1P
   5mm Round Infrared LED
More results

Similar Description - OSI5LA5113A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV4YL5111A OPTOSUPPLY-OSV4YL5111A Datasheet
99Kb / 1P
   5mm Violet LED Superior Weather-resistance 5mm Standard Directivity
OS5RAA5111P OPTOSUPPLY-OS5RAA5111P Datasheet
121Kb / 1P
   High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance
OS5YAA5111P OPTOSUPPLY-OS5YAA5111P Datasheet
122Kb / 1P
   High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance
OSOOJ25111A OPTOSUPPLY-OSOOJ25111A Datasheet
112Kb / 1P
   5mm Round Orange &Orange LED 5mm Round Standard Directivity
OSYYJ25111A OPTOSUPPLY-OSYYJ25111A Datasheet
112Kb / 1P
   5mm Round Yellow &Yellow LED Superior Weather-resistance Long Lifetime Operation
OSR7CA5A31A OPTOSUPPLY-OSR7CA5A31A Datasheet
110Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSV5YL5111A OPTOSUPPLY-OSV5YL5111A Datasheet
105Kb / 1P
   5mm Round Violet LED 5mm Round Standard Directivity High Luminous LEDs
OSR7CA5111A OPTOSUPPLY-OSR7CA5111A Datasheet
109Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSRRJ25111A OPTOSUPPLY-OSRRJ25111A Datasheet
107Kb / 1P
   5mm Round Red & Red LED 5mm Round Standard Directivity High Luminous LEDs
OSM5735141R OPTOSUPPLY-OSM5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Warm White LED 5mm Round Standard Directivity High Luminous LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com