Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS740 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16IS740
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16IS740_11 Datasheet HTML 1Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 2Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 3Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 4Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 5Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 6Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 7Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 8Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1.
General description
The SC16IS740/750/760 is a slave I2C-bus/SPI interface to a single-channel high
performance UART. It offers data rates up to 5 Mbit/s and guarantees low operating and
sleeping current. The SC16IS750 and SC16IS760 also provide the application with 8
additional programmable I/O pins. The device comes in very small HVQFN24, TSSOP24
(SC16IS750/760) and TSSOP16 (SC16IS740) packages, which makes it ideally suitable
for handheld, battery operated applications. This family of products enables seamless
protocol conversion from I2C-bus or SPI to and RS-232/RS-485 and are fully bidirectional.
The SC16IS760 differs from the SC16IS750 in that it supports SPI clock speeds up to
15 Mbit/s instead of the 4 Mbit/s supported by the SC16IS750, and in that it supports
IrDA SIR up to 1.152 Mbit/s. In all other aspects, the SC16IS760 is functionally and
electrically the same as the SC16IS750. The SC16IS740 is functionally and electrically
identical to the SC16IS750, with the exception of the programmable I/O pins which are
only present on the SC16IS750.
The SC16IS740/750/760’s internal register set is backward-compatible with the widely
used and widely popular 16C450. This allows the software to be easily written or ported
from another platform.
The SC16IS740/750/760 also provides additional advanced features such as auto
hardware and software flow control, automatic RS-485 support, and software reset. This
allows the software to reset the UART at any moment, independent of the hardware reset
signal.
2.
Features and benefits
2.1 General features
Single full-duplex UART
Selectable I2C-bus or SPI interface
3.3 V or 2.5 V operation
Industrial temperature range:
40 C to +95 C
64 bytes FIFO (transmitter and receiver)
Fully compatible with industrial standard 16C450 and equivalent
Baud rates up to 5 Mbit/s in 16
 clock mode
Auto hardware flow control using RTS/CTS
Auto software flow control with programmable Xon/Xoff characters
Single or double Xon/Xoff characters
Automatic RS-485 support (automatic slave address detection)
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64 bytes of transmit
and receive FIFOs, IrDA SIR built-in support
Rev. 7 — 9 June 2011
Product data sheet


Similar Part No. - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740IPW PHILIPS-SC16IS740IPW Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740IPW NXP-SC16IS740IPW Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
More results

Similar Description - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com