Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN5120A0HN1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PN5120A0HN1
Description  Transmission module Integrated data mode detector
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN5120A0HN1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PN5120A0HN1 Datasheet HTML 7Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 8Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 9Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 10Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 11Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 12Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 13Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 14Page - NXP Semiconductors PN5120A0HN1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
PN512
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 18 May 2011
111337
11 of 125
NXP Semiconductors
PN512
Transmission module
The PN512’s contactless UART and dedicated external host must manage the complete
ISO/IEC 14443 A/MIFARE protocol. Figure 7 shows the data coding and framing
according to ISO/IEC 14443 A/MIFARE.
The internal CRC coprocessor calculates the CRC value based on ISO/IEC 14443 A
part 3 and handles parity generation internally according to the transfer speed. Automatic
parity generation can be switched off using the ManualRCVReg register’s ParityDisable
bit.
8.2 ISO/IEC 14443 B functionality
The MFRC523 reader IC fully supports international standard ISO 14443 which includes
communication schemes ISO 14443 A and ISO 14443 B.
Refer to the ISO 14443 reference documents Identification cards - Contactless integrated
circuit cards - Proximity cards (parts 1 to 4).
Remark: NXP Semiconductors does not offer a software library to enable design-in of the
ISO 14443 B protocol.
Card to reader
(PN512 receives data
from a card)
card side
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier
frequency
13.56 MHz/16
13.56 MHz/16
13.56 MHz/16
bit encoding
Manchester
encoding
BPSK
BPSK
Table 5.
Communication overview for ISO/IEC 14443 A/MIFARE reader/writer …continued
Communication
direction
Signal type
Transfer speed
106 kBd
212 kBd
424 kBd
Fig 7.
Data coding and framing according to ISO/IEC 14443 A
001aak585
ISO/IEC 14443 A framing at 106 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
odd
parity
start bit is 1
ISO/IEC 14443 A framing at 212 kBd, 424 kBd and 848 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
even
parity
start bit is 0
burst of 32
subcarrier clocks
even parity at the
end of the frame


Similar Part No. - PN5120A0HN1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PN5127 CENTRAL-PN5127 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5128 CENTRAL-PN5128 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5129 CENTRAL-PN5129 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - PN5120A0HN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN511 NXP-PN511 Datasheet
627Kb / 22P
   Transmission Module
Rev. 3.3-13 June 2007
logo
List of Unclassifed Man...
AB46 ETC2-AB46 Datasheet
125Kb / 6P
   Transmission Engineering Data
PD3001 ETC2-PD3001 Datasheet
526Kb / 2P
   Data Transmission Cable
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
logo
List of Unclassifed Man...
405A ETC2-405A Datasheet
68Kb / 4P
   Transmission Engineering Data
logo
SICK AG
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com