Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKCD61C120IHD Datasheet(PDF) 1 Page - Semikron International

Part # SKCD61C120IHD
Description  CAL-DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKCD61C120IHD Datasheet(HTML) 1 Page - Semikron International

  SKCD61C120IHD Datasheet HTML 1Page - Semikron International SKCD61C120IHD Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKCD 61 C 120 I HD
© by SEMIKRON
Rev. 0 – 18.02.2010
1
CAL-DIODE
SKCD
IF = 115 A
VRRM = 1200 V
Size: 7,8 mm x 7,8 mm
SKCD 61 C 120 I HD
Features
• high current density
• easy paralleling due to a small forward
voltage spread
• positive temperature coefficient
• very soft recovery behavior
• small switching losses
• high ruggedness
• compatible to thick wire bonding
• compatible to standard solder
processes
Typical Applications*
• freewheeling diode for IGBT
• particularly suitable for frequencies < 8
kHz
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
VRRM
Tj =25°C, IR =0.2 mA
1200
V
IF(AV)
Ts =80°C, Tj = 150 °C
70
A
IFSM
10 ms
sin 180°
Tj =25°C
920
A
Tj = 150 °C
900
A
Tjmax
150
°C
Electrical Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
i2t
Tj = 150 °C, 10 ms, sin 180°
4050
A2s
IR
Tj =25°C, VRRM = 1200 V
0.20
mA
Tj = 125 °C, VRRM =1200V
6.00
mA
VF
Tj =25°C, IF =90A
1.50
1.77
V
Tj = 125 °C, IF =90A
1.50
1.77
V
V(TO)
Tj = 125 °C
0.92
V
rT
Tj = 125 °C
6.1
mΩ
Dynamic Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
trr
Tj = 25 °C, 75 A, 600 V, 800 A/µs
µs
trr
Tj = 125 °C, 75 A, 600 V, 800 A/µs
ns
Qrr
Tj = 25 °C, 75 A, 600 V, 800 A/µs
µC
Qrr
Tj = 125 °C, 75 A, 600 V, 800 A/µs
18
µC
Irrm
Tj = 25 °C, 75 A, 600 V, 800 A/µs
A
Irrm
Tj = 125 °C, 75 A, 600 V, 800 A/µs
51
A
Thermal Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Tj
-40
150
°C
Tstg
-40
150
°C
Tsolder
10 min.
250
°C
Tsolder
5 min.
320
°C
Rth(j-s)
sold. on 0,38 mm DCB, reference point
on copper heatsink close to the chip
0.54
K/W
Mechanical Characteristics
Symbol
Conditions
Values
Unit
Raster
size
7.8 x 7.8 mm
mm2
Area total
60.84
mm2
Anode
bondable (Al)
Cathode
solderable (Ag/Ni)
Wire bond
Al, diameter ≤ 500 µm
Package
wafer frame
Chips /
Package
156 (5" Wafer)
pcs


Similar Part No. - SKCD61C120IHD

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKCD61C120IHD SEMIKRON-SKCD61C120IHD Datasheet
331Kb / 2P
   SEMICELL CAL-DIODE
More results

Similar Description - SKCD61C120IHD

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKCD61C120I3 SEMIKRON-SKCD61C120I3_10 Datasheet
225Kb / 2P
   CAL-DIODE
SKCD06C060IHD SEMIKRON-SKCD06C060IHD_10 Datasheet
168Kb / 2P
   CAL-DIODE
SKCD11C120I3 SEMIKRON-SKCD11C120I3_10 Datasheet
199Kb / 2P
   CAL-DIODE
SKCD46C120I4FR SEMIKRON-SKCD46C120I4FR Datasheet
218Kb / 2P
   CAL-DIODE
SKCD47C120I3 SEMIKRON-SKCD47C120I3_10 Datasheet
213Kb / 2P
   CAL-DIODE
SKCD81C060IHD SEMIKRON-SKCD81C060IHD_10 Datasheet
182Kb / 2P
   CAL-DIODE
SKCD121C120I3 SEMIKRON-SKCD121C120I3_10 Datasheet
190Kb / 2P
   CAL-DIODE
SKCD11C120IHD SEMIKRON-SKCD11C120IHD_10 Datasheet
201Kb / 2P
   CAL-DIODE
SKCD18C120IHD SEMIKRON-SKCD18C120IHD_10 Datasheet
225Kb / 2P
   CAL-DIODE
SKCD81C060I3 SEMIKRON-SKCD81C060I3_10 Datasheet
199Kb / 2P
   CAL-DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com