Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9663 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 5Page - NXP Semiconductors PCA9663 Datasheet HTML 6Page - NXP Semiconductors PCA9663 Datasheet HTML 7Page - NXP Semiconductors PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors PCA9663 Datasheet HTML 10Page - NXP Semiconductors PCA9663 Datasheet HTML 11Page - NXP Semiconductors PCA9663 Datasheet HTML 12Page - NXP Semiconductors PCA9663 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 3.
PCA9663 register address map - direct register access
7
6
5
4
3
2
1
0
Register name Access
Write access
while
CH active
Description
Default
Size
(bytes)
Channel status registers
0
0
channel 0 transaction number
(hex)
STATUS0_[n]
R
no
individual transaction status (direct address)
00h
64
0
1
channel 1 transaction number
(hex)
STATUS1_[n]
R
no
individual transaction status (direct address)
00h
64
1
0
channel 2 transaction number
(hex)
STATUS2_[n]
R
no
individual transaction status (direct address)
00h
64
Channel 0 (Fm+) registers
11
000
00
0
CONTROL
R/W
yes[1]
channel 0 control
00h
1
0
0
0
1
CHSTATUS
R
no
channel 0 status
00h
1
0
0
1
0
INTMSK
R/W
yes
channel 0 interrupt mask
00h
1
0
0
1
1
SLATABLE
R/W
no
channel 0 slave address table (auto-increment) 00h
64
0
1
0
0
TRANCONFIG
R/W
yes, for
TRANCOUNT[2]
channel 0 transaction configuration
(auto-increment)
00h
65
0
1
0
1
DATA
R/W
yes
channel 0 data (auto-increment)
00h
bufsize[3]
0
1
1
0
TRANSEL
R/W
yes
channel 0 transaction data buffer select
00h
1
0
1
1
1
TRANOFS
R/W
yes
channel 0 transaction data buffer byte offset
00h
1
1
0
0
0
BYTECOUNT
R
no
channel 0 transmitted byte count
(auto-increment)
00h
64
1
0
0
1
FRAMECNT
R/W
no
channel 0 frame count
01h
1
1
0
1
0
REFRATE
R/W
no
channel 0 frame refresh rate
00h
1
1
0
1
1
SCLL
R/W
no
channel 0 clock LOW state
5Eh
1
1
1
0
0
SCLH
R/W
no
channel 0 clock HIGH state
3Fh
1
1
1
0
1
MODE
R/W
no
channel 0 mode
92h
1
1
1
1
0
TIMEOUT
R/W
no
channel 0 time-out
00h
1
1
1
1
1
PRESET
R/W
yes
channel 0 parallel reset
00h
1


Similar Part No. - PCA9663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9663 NXP-PCA9663 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665 PHILIPS-PCA9665 Datasheet
419Kb / 91P
   Fm parallel bus to I2C-bus controller
Rev. 02-7 December 2006
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 PHILIPS-PCA9564 Datasheet
222Kb / 31P
   Parallel bus to I2C-bus controller
2003 Apr 02
PCA9629A NXP-PCA9629A Datasheet
1Mb / 59P
   Fm I2C-bus advanced stepper motor controller
Rev. 2-21 March 2014
PCA9685PW NXP-PCA9685PW Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685 NXP-PCA9685_10 Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685 NXP-PCA9685 Datasheet
249Kb / 50P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 02-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com