Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I.MX27L Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # I.MX27L
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27L Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button I.MX27L_11 Datasheet HTML 42Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 43Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 44Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 45Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 46Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 47Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 48Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 49Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
46
Freescale Semiconductor
Electrical Characteristics
4.2.2
1-Wire Electrical Specifications
Figure 4 depicts the RPP timing, and Table 17 lists the RPP timing parameters.
Table 14. AC Electrical Characteristics of Slow General I/O Pads
ID
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
PA1
Output Pad Transition Times (Max High)
tpr
25 pF
50 pF
1.25
1.95
1.9
2.9
3.2
4.75
ns
Output Pad Transition Times (High)
tpr
25 pF
50 pF
1.45
2.6
—4.8
8.4
ns
Output Pad Transition Times (Standard Drive)
tpr
25 pF
50 pF
2.6
5.1
—8.5
16.5
ns
Maximum Input Transition Times1
1 Hysteresis mode is recommended for input with transition time greater than 25 ns.
trm
25
ns
Note:
Table 15. AC Electrical Characteristics of Fast General I/O Pads
ID
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
PA1
Output Pad Transition Times (Max High)
tpr
25 pF
50 pF
0.9
1.7
1.2
2.4
2.0
4.0
ns
Output Pad Transition Times (High)
tpr
25 pF
50 pF
1.15
2.3
1.6
3.1
2.7
5.3
ns
Output Pad Transition Times (Normal)
tpr
25 pF
50 pF
1.7
3.4
2.4
4.7
4.0
8.0
ns
Maximum Input Transition Times1
1 Hysteresis mode is recommended for input with transition time greater than 25 ns.
trm
25
ns
Note:
Table 16. AC Electrical Characteristics of DDR I/O Pads
ID
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
PA1
Output Pad Transition Times (DDR Drive)
tpr
25 pF
50 pF
0.5
1.0
0.75
1.45
1.2
2.4
ns
Output Pad Transition Times (Max High)
tpr
25 pF
50 pF
0.67
1.3
1.0
2.0
1.6
3.1
ns
Output Pad Transition Times (High)
tpr
25 pF
35 pF
1.0
1.95
1.5
2.9
2.4
4.7
ns
Output Pad Transition Times (Normal)
tpr
25 pF
50 pF
2.0
3.9
2.9
5.9
4.8
8.4
ns
Maximum Input Transition Times
trm
5
ns


Similar Part No. - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
i.MX27L FREESCALE-i.MX27L Datasheet
2Mb / 148P
   Multimedia Applications Processor
More results

Similar Description - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com