Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N3439CSM4R Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N3439CSM4R
Description  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3439CSM4R Datasheet(HTML) 1 Page - Seme LAB

  2N3439CSM4R Datasheet HTML 1Page - Seme LAB 2N3439CSM4R Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3439CSM4R
2N3440CSM4R
Prelim. 11/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
HIGH VOLTAGE, MEDIUM POWER, NPN
TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• Hermetic Ceramic 4 pin Surface Mount
Package - LCC3
• High Voltage Small Signal Type
• Full Screening Options Available
• “R” Denotes Reverse Pinning
APPLICATIONS:
The 2N3439CSM4 and 2N3440CSM4 are high
voltage silicon epitaxial planar transistors mounted
in the popular 4 pin ceramic surface mount
hermetically sealed package. These products are
specifically intended for use in High reliability
systems and can be ordered with a full range of
screening options from standard Militar y
(equivalent to CECC Full Assessment Level)
through all options up to full space flight level.
VCBO
Collector – Base Voltage (IE = 0)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current.
IB
Base Current.
Ptot
Total Power Dissipation at Tamb = 25°C with product
mounted on a suitable PCB to provide a heat path.
Tstg
Storage Temperature.
Tj
Maximum Junction Temperature.
450V
350V
7V
1A
0.5A
0.5W
300V
250V
7V
1A
0.5A
0.5W
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS
LCC3 PACKAGE
Underside View
PAD 1 – Collector
PAD 2 – Emitter
PAD 3 – N/C
PAD 4 – Base
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
2N3439CSM4 2N3440CSM4
–65 to +200°C
+200°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N3439CSM4HIGH VOLTAGE MEDIUM POWER NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3501CSM4HIGH VOLTAGE MEDIUM POWER NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 3 Seme LAB
2N3700DCSMHIGH VOLTAGE MEDIUM POWER NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N930CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSM4HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2484CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2894ACSMHIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn