Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT10S60C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDT10S60C
Description  2nd Generation thinQ SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDT10S60C Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDT10S60C_08 Datasheet HTML 1Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 2Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 3Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 4Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 5Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 6Page - Infineon Technologies AG IDT10S60C_08 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IDT10S60C
2
nd Generation thinQ!TM SiC Schottky Diode
Features
• Revolutionary semiconductor material - Silicon Carbide
• Switching behavior benchmark
• No reverse recovery/ No forward recovery
• No temperature influence on the switching behavior
• High surge current capability
• Pb-free lead plating; RoHs compliant
• Qualified according to JEDEC
1) for target applications
• Breakdown voltage tested at 5mA
2)
thinQ! 2G Diode specially designed for fast switching applications like:
• CCM PFC
• Motor Drives
I F=5 A, T j=25 °C
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous forward current
I F
T C<140 °C
10
A
RMS forward current
I F,RMS
f =50 Hz
15
Surge non-repetitive forward current,
sine halfwave
I F,SM
T C=25 °C, t p=10 ms
84
Repetitive peak forward current
I F,RM
T j=150 °C,
T C=100 °C, D =0.1
39
Non-repetitive peak forward current
I F,max
T C=25 °C, t p=10 µs
350
i²t value
∫i
2dt
T C=25 °C, t p=10 ms
35
A
2s
Repetitive peak reverse voltage
V RRM
600
V
Diode ruggedness dv/dt
dv/ dt
VR=0…480V
50
V/ns
Power dissipation
P tot
T C=25 °C
100
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
V DC
600
V
Q c
24
nC
I F
10
A
Product Summary
PG-TO220-2-2
Type
Package
Marking
Pin 1
Pin 2
IDT10S60C
PG-TO220-2-2
D10S60C
C
A
Rev. 2.1
page 1
2008-06-09


Similar Part No. - IDT10S60C_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDT10S60C INFINEON-IDT10S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
More results

Similar Description - IDT10S60C_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com