Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH16S60C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDH16S60C
Description  2ndGeneration thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH16S60C Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDH16S60C Datasheet HTML 1Page - Infineon Technologies AG IDH16S60C Datasheet HTML 2Page - Infineon Technologies AG IDH16S60C Datasheet HTML 3Page - Infineon Technologies AG IDH16S60C Datasheet HTML 4Page - Infineon Technologies AG IDH16S60C Datasheet HTML 5Page - Infineon Technologies AG IDH16S60C Datasheet HTML 6Page - Infineon Technologies AG IDH16S60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDH16S60C
9 Typ. C stored energy
10 Typ. capacitance charge vs. current slope
E C=f(V R)
Q C=f(di F/dt )
4); T
j=150 °C; I F≤I F,max
0
4
8
12
16
20
0
100
200
300
400
500
600
V R [V]
0
10
20
30
40
100
400
700
1000
di F/dt [A/µs]
Rev. 2.0
page 5
2010-04-27


Similar Part No. - IDH16S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH16G120C5 INFINEON-IDH16G120C5 Datasheet
888Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-09-03
IDH16G120C5 INFINEON-IDH16G120C5_15 Datasheet
888Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-09-03
IDH16G65C INFINEON-IDH16G65C Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
1Mb / 11P
   SiC Silicon Carbide Diode
Rev. 2.2, 2012-12-10
More results

Similar Description - IDH16S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDT03S60C INFINEON-IDT03S60C Datasheet
292Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH12S60C INFINEON-IDH12S60C Datasheet
250Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDT02S60C INFINEON-IDT02S60C Datasheet
297Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH08S60C INFINEON-IDH08S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH04S60C INFINEON-IDH04S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-07-03
IDH10S60C INFINEON-IDH10S60C Datasheet
242Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH05S60C INFINEON-IDH05S60C Datasheet
237Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH10S120 INFINEON-IDH10S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH15S120 INFINEON-IDH15S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH05S120 INFINEON-IDH05S120 Datasheet
241Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com