Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDH12S60C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. IDH12S60C
Description  2ndGeneration thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH12S60C Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDH12S60C Datasheet HTML 1Page - Infineon Technologies AG IDH12S60C Datasheet HTML 2Page - Infineon Technologies AG IDH12S60C Datasheet HTML 3Page - Infineon Technologies AG IDH12S60C Datasheet HTML 4Page - Infineon Technologies AG IDH12S60C Datasheet HTML 5Page - Infineon Technologies AG IDH12S60C Datasheet HTML 6Page - Infineon Technologies AG IDH12S60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IDH12S60C
5 Typ. forward power dissipation vs.
6 Typ. reverse current vs. reverse voltage
average forward current
I R=f(V R)
P F,AV=f(I F), T C=100 °C, parameter: D =t p/T
parameter: T j
7 Transient thermal impedance
8 Typ. capacitance vs. reverse voltage
Z thJC=f(t p)
C =f(V R); T C=25 °C, f =1 MHz
parameter: D =t p/T
0.1
0.2
0.5
1
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
I F(AV) [A]
-55 °C
25 °C
100 °C
150 °C
175 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
100
200
300
400
500
600
V R [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-2
10
-1
10
0
10
1
t P [s]
10
-1
10
0
10
1
10
2
10
3
0
100
200
300
400
500
600
700
V R[V]
Rev. 2.0
page 4
2010-04-27


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn