Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDD15E60 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. IDD15E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD15E60 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDD15E60 Datasheet HTML 1Page - Infineon Technologies AG IDD15E60 Datasheet HTML 2Page - Infineon Technologies AG IDD15E60 Datasheet HTML 3Page - Infineon Technologies AG IDD15E60 Datasheet HTML 4Page - Infineon Technologies AG IDD15E60 Datasheet HTML 5Page - Infineon Technologies AG IDD15E60 Datasheet HTML 6Page - Infineon Technologies AG IDD15E60 Datasheet HTML 7Page - Infineon Technologies AG IDD15E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
200
7-04-24
Rev.2
.2
Page 5
IDD15E60
5 Typ. reverse recovery time
trr = f (diF/dt)
parameter: VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
0
50
100
150
200
250
300
350
400
ns
500
30A
15A
7.5A
6 Typ. reverse recovery charge
Qrr=f(diF/dt)
parameter: VR = 400V, Tj = 125 °C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
550
650
750
850
950
1050
1150
1250
nC
1450
7.5A
15A
30A
7 Typ. reverse recovery current
Irr = f (diF/dt)
parameter: VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
4
5
6
7
8
9
10
11
12
13
14
15
16
A
18
30A
15A
7.5A
8 Typ. reverse recovery softness factor
S = f(diF/dt)
parameter: VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
3
4
5
6
7
8
9
11
7,5A
15A
30A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn