Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDD15E60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. IDD15E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD15E60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDD15E60 Datasheet HTML 1Page - Infineon Technologies AG IDD15E60 Datasheet HTML 2Page - Infineon Technologies AG IDD15E60 Datasheet HTML 3Page - Infineon Technologies AG IDD15E60 Datasheet HTML 4Page - Infineon Technologies AG IDD15E60 Datasheet HTML 5Page - Infineon Technologies AG IDD15E60 Datasheet HTML 6Page - Infineon Technologies AG IDD15E60 Datasheet HTML 7Page - Infineon Technologies AG IDD15E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
200
7-04-24
Rev.2
.2
Page 4
IDD15E60
2 Diode forward current
IF = f(TC)
parameter: Tj≤ 175°C
25
50
75
100
125
°C
175
TC
0
5
10
15
20
A
30
1 Power dissipation
Ptot = f (TC)
parameter: Tj ≤ 175 °C
25
50
75
100
125
°C
175
TC
0
10
20
30
40
50
60
70
W
90
3 Typ. diode forward current
IF = f (VF)
0.5
1
1.5
V
2.5
VF
0
10
20
30
A
50
-55°C
25°C
100°C
150°C
4 Typ. diode forward voltage
VF = f (Tj)
-60
-20
20
60
100
°C
160
Tj
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
2
7.5A
15A
30A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn