Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDD15E60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. IDD15E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD15E60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDD15E60 Datasheet HTML 1Page - Infineon Technologies AG IDD15E60 Datasheet HTML 2Page - Infineon Technologies AG IDD15E60 Datasheet HTML 3Page - Infineon Technologies AG IDD15E60 Datasheet HTML 4Page - Infineon Technologies AG IDD15E60 Datasheet HTML 5Page - Infineon Technologies AG IDD15E60 Datasheet HTML 6Page - Infineon Technologies AG IDD15E60 Datasheet HTML 7Page - Infineon Technologies AG IDD15E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
200
7-04-24
Rev.2
.2
Page 3
IDD15E60
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Reverse recovery time
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=150°C
trr
-
-
-
87
124
131
-
-
-
ns
Peak reverse current
VR=400V, IF = 15 A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF =15A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF =15A, diF/dt=1000A/µs, Tj=150°C
Irrm
-
-
-
13.7
16.4
19.3
-
-
-
A
Reverse recovery charge
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF =15A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF =15A, diF/dt=1000A/µs, Tj=150°C
Qrr
-
-
-
595
995
1104
-
-
-
nC
Reverse recovery softness factor
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF=15A, diF/dt=1000A/µs, Tj=150°C
S
-
-
-
3.6
4.3
4.5
-
-
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn