Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDC08S120E Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDC08S120E
Description  1200V thinQ!TM SiC Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDC08S120E Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDC08S120E Datasheet HTML 1Page - Infineon Technologies AG IDC08S120E Datasheet HTML 2Page - Infineon Technologies AG IDC08S120E Datasheet HTML 3Page - Infineon Technologies AG IDC08S120E Datasheet HTML 4Page - Infineon Technologies AG IDC08S120E Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IDC08S120E
Edited by INFINEON Technologies, AIM IMM, Rev. 2.1, 28.01.2009
Dynamic Characteristics (not subject to production test - verified by design / characterization)
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Total capacitive charge
3)
QC
Tvj =150°C
27
nC
Switching time
2)
tc
IF <=IF,max
di/dt=200A/
µs
VR=1200V
Tvj =150°C
<10
ns
VR=1V
380
VR=300V
30
Total capacitance
C
f=1MHz
VR=600V
27
pF
1) J-STD20 and JESD22
2) t
c is the time constant for the capacitive displacement current waveform (independent from Tvj = 1 50°C ,
ILOAD and di/dt), different from trr, which is dependent on Tvj =150°C, ILOAD, di/dt. No reverse recovery time
constant trr due to absence of minority carrier inject.
3) Only capacitive charge occurring, guaranteed by design (independent from T
vj, ILOAD and di/dt).


Similar Part No. - IDC08S120E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDC08S60CE INFINEON-IDC08S60CE Datasheet
110Kb / 4P
   2nd generation thinQ!TM SiC Schottky Diode
Edition 1.1, 27.01.2009
More results

Similar Description - IDC08S120E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC05S120E INFINEON-IDC05S120E Datasheet
135Kb / 5P
   1200V thinQ!TM SiC Schottky Diode
Rev. 2.1, 28.01.2009
IDH10S120 INFINEON-IDH10S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH15S120 INFINEON-IDH15S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH05S120 INFINEON-IDH05S120 Datasheet
241Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH12S60C INFINEON-IDH12S60C Datasheet
250Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH16S60C INFINEON-IDH16S60C Datasheet
238Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDT02S60C INFINEON-IDT02S60C Datasheet
297Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH08S60C INFINEON-IDH08S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH04S60C INFINEON-IDH04S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-07-03
IDH10S60C INFINEON-IDH10S60C Datasheet
242Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com