Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QS02G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # ICE2QS02G
Description  Quasi-Resonant PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QS02G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button ICE2QS02G Datasheet HTML 9Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 10Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 11Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 12Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 13Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 14Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 15Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 16Page - Infineon Technologies AG ICE2QS02G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Quasi-Resonant PWM Controller
ICE2QS02G
Electrical Characteristics
Version 2.0
15
13 June 2008
4.3.9
Gate Driver
Main Undervoltage Protection
threshold
VVINSTH
-1.25
-
V
Main Undervoltage Protection
hysteresis current source
IVINSHys
8.8
15
20
µA
Minimum ringing suppression
time
tZCRS1
1.87
2.8
3.5
µsVZC > VZCT2
Maximum ringing suppression
time
tZCRS2
18
25
32
µsVZC < VZCT2
Ringing suppression threshold
VZCRS
-0.7
-V
Maximum gate on time
tOnMax
25
30.0
35.1
µsVFB>4.3V, VCS=0
Maximum switching period
tPerMax
42
50.0
57
µs
1)
The parameter is not subjected to production test - verified by design/characterization
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output voltage at logic low
VGATElow
--1.0
V
IOUT = 20mA;
VVCC=18V
Output voltage at logic high
VGATEhigh
9.0
10.0
-
V
IOUT = -20mA;
VVCC=18V
Output voltage active shut down VGATEasd
--1.0
V
V
VVCC = 7V
IOUT = 20mA
Rise Time
trise
-70
-
ns
COUT = 2.2nF; VGATE 2V
... 8V
Fall Time
tfall
-30
-
ns
COUT = 2.2nF; VGATE 8V
... 2V


Similar Part No. - ICE2QS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03 INFINEON-ICE2QS03 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS03G INFINEON-ICE2QS03G Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
More results

Similar Description - ICE2QS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com