Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2PCS05 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE2PCS05
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS05 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE2PCS05 Datasheet HTML 3Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 4Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 5Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 6Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 7Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 8Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS05 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CCM-PFC
ICE2PCS05/G
Functional Description
Version 1.0
7
09 Oct 2008
3.1
General
The ICE2PCS05/G is a 8 pin control IC for power factor
correction converters. It comes in both DIP and DSO
packages and is suitable for wide range line input
applications from 85 to 265 VAC. The IC supports
converters in boost topology and it operates in
continuous conduction mode (CCM) with average
current control.
The IC operates with a cascaded control; the inner
current loop and the outer voltage loop. The inner
current loop of the IC controls the sinusoidal profile for
the average input current. It uses the dependency of
the PWM duty cycle on the line input voltage to
determine the corresponding input current. This means
the average input current follows the input voltage as
long as the device operates in CCM. Under light load
condition, depending on the choke inductance, the
system may enter into discontinuous conduction mode
(DCM). In DCM, the average current waveform will be
distorted but the resultant harmonics are still low
enough to meet the Class D requirement of IEC 1000-
3-2.
The outer voltage loop controls the output bus voltage.
Depending on the load condition, OTA1 establishes an
appropriate voltage at VCOMP pin which controls the
amplitude of the average input current.
The IC is equipped with various protection features to
ensure safe operating condition for both the system
and device. Important protection features are namely
Open-Loop protection, Current Limitation and Output
Over-voltage Protection.
3.2
Power Supply
An internal under voltage lockout (UVLO) block
monitors the VCC power supply. As soon as it exceeds
11.8V and the voltage at pin 6 (VSENSE) is >0.6V, the
IC begins operating its gate drive and performs its
Startup as shown in Figure 3.
.
Figure 3
State of Operation respect to VCC
If VCC drops below 11V, the IC is off. The IC will then
be consuming typically 300
µA, whereas consuming
13mA during normal operation.
The IC can be turned off and forced into standby mode
by pulling down the voltage at pin 6 (VSENSE) to lower
than 0.6V. The current consumption is reduced to
300µA in this mode.
3.3
Start-up
Figure 4 shows the operation of voltage loop’s OTA1
during startup. The VCOMP pin is pull internally to
ground via switch S1 during UVLO and other fault
conditions (see later section on “System Protection”).
During power up when VOUT is less than 83% of the
rated level, OTA1 sources an output current, maximum
30
µA, into the compensation network at pin 5
(VCOMP) causing the voltage at this pin to rise linearly.
This results in a controlled linear increase of the input
current from 0A thus reducing the stress on the
external component.
Figure 4
Startup Circuit
As VOUT has not reached within 5% from the rated
value, VCOMP voltage is level-shifted by the window
detect block as shown in Figure 5, to ensure there is
fast boost up of the output voltage.
When VOUT approaches its rated value, OTA1’s
sourcing current drops and the level shift of the window
detect block is removed. The normal voltage loop then
takes control.
V
CC
(V
VSENSE > 0.6 V)
11.8 V
11.0 V
t
OFF
Start
Up
Open loop/
Standby
Normal
Operation
IC's
State
OFF
Normal
Operation
(V
VSENSE < 0.6 V)
(V
VSENSE > 0.6 V)
VC O M P
C5
C4
VS ENSE
OT A 1
3V
IC E2 PCS0 5 /G
protec t
R3 + R4
R4
x V
OU T )
(
R6
S1
3
Functional Description


Similar Part No. - ICE2PCS05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
ICE2PCS05G INFINEON-ICE2PCS05G Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
More results

Similar Description - ICE2PCS05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com