Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2PCS04 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE2PCS04
Description  Standalone PFC Controller in CCM with Input Brown-Out Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS04 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2PCS04 Datasheet HTML 1Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 2Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 3Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 4Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 5Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 6Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 7Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 8Page - Infineon Technologies AG ICE2PCS04 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CCM-PFC
ICE2PCS04
ICE2PCS04G
Version 2.0
3
10 October 2007
Type
Package
ICE2PCS04
PG-DIP-8
ICE2PCS04G
PG-DSO-8
Standalone Power Factor Correction (PFC)
Controller in Continuous Conduction Mode
(CCM) with Input Brown-Out Protection
test
ICE2PCS04
PG-DIP-8
ICE2PCS04G
PG-DSO-8
Product Highlights
• Leadfree DIP and DSO Package
•Wide Input Range
• Direct sensing, Input Brown-Out Detection
• Optimized for applications which require fast Startup
• Output Power Controllable by External Sense Resistor
• Fast Output Dynamic Response during Load Jumps
• Trimmed, internal fixed Switching Frequency (133kHz)
Features
• Ease of Use with Few External Components
• Supports Wide Input Range
• Average Current Control
• External Current and Voltage Loop Compensation
for Greater User Flexibility
• Trimmed internal fixed Switching Frequency
(133kHz+5% at 25oC)
• Direct sensing, Input Brown-Out Detection
with Hysteresis
• Short Startup(SoftStart) duration
• Max Duty Cycle of 95% (typ)
• Trimmed Internal Reference Voltage (3V+2%)
• VCC Under-Voltage Lockout
• Cycle by Cycle Peak Current Limiting
• Output Over-Voltage Protection
• Open Loop Detection
• Soft Overcurrent Protection
• Enhanced Dynamic Response
• Fulfills Class D Requirements of IEC 1000-3-2
Description
The ICE2PCS04/G is a 8-pin wide input range controller
IC for active power factor correction converters. It is de-
signed for converters in boost topology, and requires few
external components. Its power supply is recommended
to be provided by an external auxiliary supply which will
switch on and off the IC.
The IC operates in the CCM with average current control,
and in DCM only under light load condition. The switching
frequency is trimmed and fixed internally at 133kHz. Both
current and voltage loop compensations are done exter-
nally to allow full user control.
There are various protection features incorporated to en-
sure safe system operation conditions. The internal refer-
ence is trimmed (3V+2%) to ensure precise protection and
output control level.
85 ... 265 VAC EMI-Filter
Voltage Loop
Compensation
Protection Unit
Fixed
Oscillator
Current Loop
Compensation
PWM Logic
Driver
CCM PFC
VCC
Auxiliary Supply
V
OUT
Typical Application
Ramp
Generator
ICOMP
VSENSE
VCOMP
ISENSE
GND
Nonlinear
Gain
GATE
VINS
Brown-out
ICE2PCS04/G


Similar Part No. - ICE2PCS04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
438Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS04G INFINEON-ICE2PCS04G Datasheet
438Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS04 INFINEON-ICE2PCS04_11 Datasheet
438Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
More results

Similar Description - ICE2PCS04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04_11 Datasheet
438Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS06 INFINEON-ICE2PCS06 Datasheet
412Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 1.1, Mar 2010
ICE1PCS02 INFINEON-ICE1PCS02 Datasheet
396Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
V1.1, 28 Dec 2004
ICE2PCS02 INFINEON-ICE2PCS02_11 Datasheet
416Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.4, 22 Mar 2010
ICE2PCS03 INFINEON-ICE2PCS03_11 Datasheet
435Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com