Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2AS01G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE2AS01G
Description  Off-Line SMPS Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE2AS01G Datasheet HTML 3Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Datasheet
7
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
3
Functional Description
3.1
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external
supply voltage VVCC. In case the IC is inactive the
current consumption is max. 55µA. When the SMPS is
plugged to the main line the current through RStart-up
charges the external Capacitor CVCC. When VVCC
exceeds the on-threshold VCCon=13.5V the internal bias
circuit and the voltage reference are switched on. After
it the internal bandgap generates a reference voltage
VREF=6.5V to supply the internal circuits. To avoid
uncontrolled ringing at switch-on a hysteresis is
implemented which means that switch-off is only after
active mode when Vcc falls below 8.5V.
In case of switch-on a Power Up Reset is done by
reseting the internal error-latch in the protection unit.
When VVCC falls below the off-threshold VCCoff=8.5V the
internal reference is switched off and the Power Down
reset let T1 discharging the soft-start capacitor CSoft-Start
at pin SoftS. Thus it is ensured that at every switch-on
the voltage ramp at pin SoftS starts at zero.
3.2
Improved Current Mode
Figure 4
Current Mode
Current Mode means that the duty cycle is controlled
by the slope of the primary current. This is done by
comparison the FB signal with the amplified current
sense signal.
Figure 5
Pulse Width Modulation
In case the amplified current sense signal exceeds the
FB signal the on-time Ton of the driver is finished by
reseting the PWM-Latch (see Figure 5).
Internal
Bias
Voltage
Reference
6.5V
4.8V
Undervoltage
Lockout
13.5V
8.5V
Power-Down
Reset
Power-Up
Reset
Power Management
5.3V
4.0V
T1
PWM-Latch
R
S
Q
Q
Error-Latch
SoftS
6.5V
Error-Detection
VCC
Main Line (100V-380V)
Primary Winding
Soft-Start Comparator
C
VCC
R
Soft-Start
R
Start-Up
C
Soft-Start
x3.65
PWM OP
Improved
Current Mode
0.8V
PWM Comparator
PWM-Latch
Isense
FB
R
S
Q
Q
Driver
Soft-Start Comparator
t
FB
Amplified Current Signal
T
on
t
0.8V
Driver


Similar Part No. - ICE2AS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2AS01G INFINEON-ICE2AS01G Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
More results

Similar Description - ICE2AS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com