Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE1PCS02 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE1PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1PCS02 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE1PCS02 Datasheet HTML 1Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 2Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 3Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 4Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 5Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 6Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 7Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 8Page - Infineon Technologies AG ICE1PCS02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CCM-PFC
ICE1PCS02
ICE1PCS02G
Version 1.2
3
06 Feb 2007
Type
Package
ICE1PCS02
PG-DIP-8
ICE1PCS02G
PG-DSO-8
Standalone Power Factor Correction (PFC)
Controller in Continuous Conduction Mode
(CCM) with Input Brown-Out Protection
ICE1PCS02
PG-DIP-8
test
ICE1PCS02G
PG-DSO-8
Product Highlights
• Leadfree DIP and DSO Package
• Wide Input Range
• Direct sensing, Input Brown-Out Detection
• Optimized for applications which require fast Startup
• Output Power Controllable by External Sense Resistor
• Fast Output Dynamic Response during Load Jumps
• Trimmed, internal fixed Switching Frequency (65kHz)
Features
• Ease of Use with Few External Components
• Supports Wide Input Range
• Average Current Control
• External Current and Voltage Loop Compensation
for Greater User Flexibility
• Trimmed internal fixed Switching Frequency
(65kHz+7.7% at 25oC)
• Direct sensing, Input Brown-Out Detection
with Hysteresis
• Short Startup(SoftStart) duration
• Max Duty Cycle of 97% (typ)
• Trimmed Internal Reference Voltage (5V+2%)
• VCC Under-Voltage Lockout
• Cycle by Cycle Peak Current Limiting
• Over-Voltage Protection
• Open Loop Detection
• Soft Overcurrent Protection
• Enhanced Dynamic Response
• Fulfills Class D Requirements of IEC 1000-3-2
Description
The ICE1PCS02/G is a 8-pin wide input range controller
IC for active power factor correction converters. It is de-
signed for converters in boost topology, and requires few
external components. Its power supply is recommended
to be provided by an external auxiliary supply which will
switch on and off the IC.
The IC operates in the CCM with average current control,
and in DCM only under light load condition. The switching
frequency is trimmed and fixed internally at 65kHz. Both
current and voltage loop compensations are done exter-
nally to allow full user control.
There are various protection features incorporated to en-
sure safe system operation conditions. The internal refer-
ence is trimmed (5V+2%) to ensure precise protection and
output control level.
The ICE1PCS02/G is a design variant of ICE1PCS01 to
incorporate the new input brown-out protection function
and optimised to have a faster startup time with controlled
peak startup current.
85 ... 265 VAC
EMI-Filter
Voltage Loop
Compensation
Protection Unit
Fixed
Oscillator
Current Loop
Compensation
PWM Logic
Driver
ICE1PCS02 /G
CCMPFC
VCC
Auxiliary Supply
V
OUT
Typical Application
Ramp
Generator
ICOMP
VSENSE
VCOMP
ISENSE
GND
Nonlinear
Gain
GATE
VINS
Brown-out


Similar Part No. - ICE1PCS02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS02 INFINEON-ICE1PCS02 Datasheet
396Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
V1.1, 28 Dec 2004
ICE1PCS02G INFINEON-ICE1PCS02G Datasheet
396Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
V1.1, 28 Dec 2004
More results

Similar Description - ICE1PCS02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com