Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ400R17KE4 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # FZ400R17KE4
Description  62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZ400R17KE4 Datasheet(HTML) 9 Page - Infineon Technologies AG

  FZ400R17KE4 Datasheet HTML 1Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 2Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 3Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 4Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 5Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 6Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 7Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 8Page - Infineon Technologies AG FZ400R17KE4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
-
( !
'
)
$
'
*
+
,
'
-
.
)
$
+
/ 0
0
$
'
)
$
+
/ 0
'
'!0-
/'
-
)
$
'
0
1
% $
'
'
2 +
0
0
+'
- .
0
*
% *
'
1 0
3
-
1
/ 0
+
)
$
.
$
+'
-
&
&
)
$
'
2
+'
)
$
'
'
!
0
.
!
)
$
'
2
!
&
'
+ & !
' '+
'
4
000-
-
2
'56
$ 7- ,+
0 /
(
'
-
/
/
$
)
$
& '
!
-
8+ $
!
)
$ 1 0
& '
!
!
&
'
'
+ & !
' '+
'
-
&
& ' '
2
)
$
/ 0
3
2
'
'
/ 0
'
!
!
2 '
0
%
-
0
2
0
+
,
+
8 $
9
:
/'
!
9
'
:
.
+
% *
!
)
$ '
'
'
;
!
% *
'
-
& 0
2 '
0 & 2
0
6
!
'
-
<
)
$
'
' '
'
-
5 #
"
- =
0
'
0
-
'
0
0
- /
0
"
-
0 '
$
-
&
>
"
0
2
2 0
'
4
000-
-
2
5
7- ,
0
-
>
'
- ,
>
2 0
'
-
&
)
2
2
- )
2
0
1
8 $
9
/
:
9
/
:
'
1
2
0
$
!
-
"
2
0
>
-
#
-


Similar Part No. - FZ400R17KE4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ400R17KE3 EUPEC-FZ400R17KE3 Datasheet
266Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
More results

Similar Description - FZ400R17KE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF300R17KE4 INFINEON-FF300R17KE4 Datasheet
495Kb / 9P
   62mm C-Series module with trench/Fieldstopp IGBT4 and Emitter Controlled Diode
2010-10-20 revision:2.2
FF300R07KE4 INFINEON-FF300R07KE4 Datasheet
497Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-26 revision:2.0
FZ600R17KE4 INFINEON-FZ600R17KE4 Datasheet
492Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-07 revision:2.2
FF400R07KE4 INFINEON-FF400R07KE4 Datasheet
497Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2010-12-21 revision:2.0
FF450R12KE4 INFINEON-FF450R12KE4 Datasheet
280Kb / 8P
   62mm C-series module with trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-13 revision:2.2
FF150R17KE4 INFINEON-FF150R17KE4 Datasheet
494Kb / 9P
   62mm C-Series module with Trench/Feldstopp Trench/Feldstopp IGBT4 and Emitter Controlled Diode
2010-08-23 revision:2.1
FF450R12KT4 INFINEON-FF450R12KT4 Datasheet
279Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-19 revision:2.3
FZ900R12KE4 INFINEON-FZ900R12KE4 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode
2009-08-12 revision:2.3
FZ400R12KP4 INFINEON-FZ400R12KP4 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode
2009-08-10 revision:2.1
FP25R12KT4_B15 INFINEON-FP25R12KT4_B15 Datasheet
582Kb / 12P
   EconoPIM2 module with Trench/Fieldstopp IGBT4 and Emitter Controlled 4 diode
2011-01-20 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com