Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS150R12KT4_B11 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS150R12KT4_B11
Description  EconoPACK3 module PressFIT with trench/fieldstop IGBT4 and EmCon4 diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS150R12KT4_B11 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS150R12KT4_B11 Datasheet HTML 1Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 2Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 3Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 4Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 5Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 6Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 7Page - Infineon Technologies AG FS150R12KT4_B11 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS150R12KT4_B11
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
6
7
$
$
%&' ( )*
+99:
+
/
$
#
/
=
1f
)
5
6
7
#
=
8 (
#
1f9:
;
5
<
7
$
1g
+9 (
+0 8 (
# 0 %&' (
)*
+9 (
+0 8 (
# 0 %&' ( ) *
1g
; )
)
5g
5g
Charakteristische Werte / characteristic values
#
# C
/
$
=
$
1f ( ) 50 +@- (
+
1f ( ) 50 +@- (
+
1f ( ) 50 +@- (
+
+f
0
0I)
0I)
0 )
+
+
+
%&' ( )*
%&' (
)*
%&' ( ) *
R
#
7
1f ( ) 50
fB
( I
5BL U%&'( ) * W
+9 ( I
+
+@- (
) +
19:
J
)
5
5
5
%&' ( )*
%&' (
)*
%&' ( ) *
7T$
$
$
$
1f ( ) 50
fB
( I
5BL U%&'( ) * W
+9 ( I
+
+@- (
) +
KS
J0
)0
H0
L
L
L
%&' ( )*
%&' (
)*
%&' ( ) *
5
$
6
$
1f ( ) 50
fB
( I
5BL U%&'( ) * W
+9 ( I
+
+@- (
) +
"SPh
0
0)
;0)
#[
#[
#[
%&' ( )*
%&' (
)*
%&' ( ) *
1
?D # =
#
0 _
/
>Ga,
0; ) !B?
b
$
$ ?D # =
#
0
/
B
c8FE>P (
?BU#^!W B
cdSPFEP (
?BU#^!W
>G,e
0 ))
!B?
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
#
# C
i
=
%, ( )*
jk
)0
N
5 =
$
lmm
lmm
%, (
* 0
lmm ( J ; N
n B
)
)
o
+
$
=
%, ( )*
6jk
0
#?
` ?
`
j (
jk C p`jkqkmU B%j
BU
H0 ) !WWr
`jkqkm
;; )
!
` ?
`
j (
jk C p`jkqsmU B%j
BU
H0 ) !WWr
`jkqsm
;J
!
` ?
`
j (
jk C p`jkqlmmU B%j
BU
H0 ) !WWr
`jkqlmm
;J;;
!
Angaben gemäß gültiger Application Note.
Specification according to the valid application note.


Similar Part No. - FS150R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS150R12KT4_B9 INFINEON-FS150R12KT4_B9 Datasheet
310Kb / 8P
   EconoPACK3 module with trench/fieldstop IGBT4 and doubled mounting Emitter Controlled 4 diode
2008-09-26 revision:2.1
More results

Similar Description - FS150R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS100R12KT4G_B11 INFINEON-FS100R12KT4G_B11 Datasheet
320Kb / 8P
   EconoPACK3 module PressFIT with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
FS150R12KT4 INFINEON-FS150R12KT4 Datasheet
311Kb / 8P
   EconoPACK3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
FS100R12KT4G INFINEON-FS100R12KT4G Datasheet
312Kb / 8P
   EconoPACK3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
FP75R12KT4 INFINEON-FP75R12KT4 Datasheet
398Kb / 11P
   EconoPIM3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-12 revision:2.0
FP100R12KT4 INFINEON-FP100R12KT4 Datasheet
399Kb / 11P
   EconoPIM3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-12 revision:2.0
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
442Kb / 11P
   EconoPIM2 module with Trench/Fieldstop IGBT4 and EmCon4 diode
2007-12-21 revision:2.0
FP50R12KT4 INFINEON-FP50R12KT4 Datasheet
442Kb / 11P
   EconoPIM2 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-23 revision:2.0
FS200R07N3E4R_B11 INFINEON-FS200R07N3E4R_B11 Datasheet
544Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and PressFIT / NTC
2011-04-06 revision:2.0
FS150R07N3E4_B11 INFINEON-FS150R07N3E4_B11 Datasheet
544Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and PressFIT / NTC
2011-04-07 revision:2.0
FS100R07N3E4_B11 INFINEON-FS100R07N3E4_B11 Datasheet
544Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2011-04-07 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com