Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS100R12KT4G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FS100R12KT4G
Description  EconoPACK3 module with trench/fieldstop IGBT4 and EmCon4 diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS100R12KT4G Datasheet(HTML) 5 Page - Infineon Technologies AG

  FS100R12KT4G Datasheet HTML 1Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 2Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 3Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 4Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 5Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 6Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 7Page - Infineon Technologies AG FS100R12KT4G Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technische Information / technical information
FS100R12KT4G
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
2<`% ?
U
W
2<`% ?
U
W
2<`% ?
U
W
2<`% ?
U
W
=
$
2<`% 2
U
W
=
$
2<`% 2
U
W
=
$
2<`% 2
U
W
=
$
2<`% 2
U
W
"43 ( U @W1 "4ZZ ( U @W
"43 ( U @W1 "4ZZ ( U @W
"43 ( U @W1 "4ZZ ( U @W
"43 ( U @W1 "4ZZ ( U @W
+@- ( X ) +1 2, (
61 +,- (
+
+@- ( X ) +1 2, (
61 +,- (
+
+@- ( X ) +1 2, (
61 +,- (
+
+@- ( X ) +1 2, (
61 +,- (
+
@ pMr
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
"431 %&' (
)*
"4ZZ1 %&' (
)*
"431 %&' ( ) *
"4ZZ1 %&' ( ) *
%
?D # =
2<`% ?
%
?D # =
2<`% ?
%
?D # =
2<`% ?
%
?D # =
2<`% ?
#
#
2<`%
#
#
2<`%
#
#
2<`%
#
#
2<`%
}>Ha, ( U W
}>Ha, ( U W
}>Ha, ( U W
}>Ha, ( U W
p r
0,001
0,01
0,1
1
10
0,01
0,1
1
}>Ha, 2<`%
Lp!B?r
Lp r
1
G
1
1 0)
1
P
1 0 I
1 )
G
1 IG
1
R
=D
6
2<`% ?
U ` ~6W
R
=D
6
2<`% ?
U ` ~6W
R
=D
6
2<`% ?
U ` ~6W
R
=D
6
2<`% ?
U ` ~6W
$
2<`%
U ` ~6W
$
2<`%
U ` ~6W
$
2<`%
U ` ~6W
$
2<`%
U ` ~6W
2, ( U+,-W
2, ( U+,-W
2, ( U+,-W
2, ( U+,-W
+@- ( X ) +1
@4ZZ (
M1 %&' ( ) *
+@- ( X ) +1
@4ZZ (
M1 %&' ( ) *
+@- ( X ) +1
@4ZZ (
M1 %&' ( ) *
+@- ( X ) +1
@4ZZ (
M1 %&' ( ) *
+,- p+r
0
200
400
600
800 1000 1200 1400
0
50
100
150
200
250
2,1
2,1
/
/
?
U
W
/
/
?
U
W
/
/
?
U
W
/
/
?
U
W
=
U
W
=
U
W
=
U
W
=
U
W
2f ( U+fW
2f ( U+fW
2f ( U+fW
2f ( U+fW
+f p+r
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
20
40
60
80
100
120
140
160
180
200
%&' ( )*
%&' (
)*
%&' ( ) *


Similar Part No. - FS100R12KT4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS100R12KT4G_B11 INFINEON-FS100R12KT4G_B11 Datasheet
320Kb / 8P
   EconoPACK3 module PressFIT with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
More results

Similar Description - FS100R12KT4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS150R12KT4 INFINEON-FS150R12KT4 Datasheet
311Kb / 8P
   EconoPACK3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
FS100R12KT4G_B11 INFINEON-FS100R12KT4G_B11 Datasheet
320Kb / 8P
   EconoPACK3 module PressFIT with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-26 revision:2.0
FS150R12KT4_B11 INFINEON-FS150R12KT4_B11 Datasheet
319Kb / 8P
   EconoPACK3 module PressFIT with trench/fieldstop IGBT4 and EmCon4 diode
2007-10-29 revision:2.0
FP75R12KT4 INFINEON-FP75R12KT4 Datasheet
398Kb / 11P
   EconoPIM3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-12 revision:2.0
FP100R12KT4 INFINEON-FP100R12KT4 Datasheet
399Kb / 11P
   EconoPIM3 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-12 revision:2.0
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
442Kb / 11P
   EconoPIM2 module with Trench/Fieldstop IGBT4 and EmCon4 diode
2007-12-21 revision:2.0
FP50R12KT4 INFINEON-FP50R12KT4 Datasheet
442Kb / 11P
   EconoPIM2 module with trench/fieldstop IGBT4 and EmCon4 diode
2007-11-23 revision:2.0
FS200R07N3E4R_B11 INFINEON-FS200R07N3E4R_B11 Datasheet
544Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and PressFIT / NTC
2011-04-06 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com