Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF1682 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39VF1682
Description  16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1682 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39VF1682 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF1682 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
©2011 Silicon Storage Technology, Inc.
DS25040A
05/11
11
16 Mbit Multi-Purpose Flash Plus
SST39VF1681 / SST39VF1682
Data Sheet
A Microchip Technology Company
4. With AMS-A5 = 0; Sec ID is read with A4-A0,
SST ID is read with A4 = 0 (Address range = 00000H to 0000FH),
User ID is read with A4 = 1 (Address range = 00010H to 0001FH).
Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 =0.
5. Valid Byte Addresses for Sec ID are from 000000H-00000FH and 000020H-00002FH.
6. The device does not remain in Software Product ID Mode if powered down.
7. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 =0,
SST39VF1681 Device ID = C8H, is read with A0 =1,
SST39VF1682 Device ID = C9H, is read with A0 =1,
AMS = Most significant address
AMS =A20 for SST39VF1681/1682
8. Both Software ID Exit operations are equivalent
9. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1)
using the Sec ID mode again (the programmed “0” bits cannot be reversed to “1”).
Table 7: CFI Query Identification String1
1. Refer to CFI publication 100 for more details.
Address
Data
Data
10H
51H
Query Unique ASCII string “QRY”
11H
52H
12H
59H
13H
01H
Primary OEM command set
14H
07H
15H
00H
Address for Primary Extended Table
16H
00H
17H
00H
Alternate OEM command set (00H = none exists)
18H
00H
19H
00H
Address for Alternate OEM extended Table (00H = none exits)
1AH
00H
T7.1 25040
Table 8: System Interface Information
Address
Data
Data
1BH
27H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
36H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
00H
VPP min. (00H = no VPP pin)
1EH
00H
VPP max. (00H = no VPP pin)
1FH
03H
Typical time out for Byte-Program 2N µs (23 = 8 µs)
20H
00H
Typical time out for min. size buffer program 2N µs (00H = not supported)
21H
04H
Typical time out for individual Sector/Block-Erase 2N ms (24 =16ms)
22H
05H
Typical time out for Chip-Erase 2N ms (25 =32ms)
23H
01H
Maximum time out for Byte-Program 2N times typical (21 x23 =16µs)
24H
00H
Maximum time out for buffer program 2N times typical
25H
01H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x24 =32ms)
26H
01H
Maximum time out for Chip-Erase 2N times typical (21 x25 =64ms)
T8.1 25040


Similar Part No. - SST39VF1682

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1682-70-4C-B3K SST-SST39VF1682-70-4C-B3K Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1682-70-4C-B3KE SST-SST39VF1682-70-4C-B3KE Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1682-70-4C-EK SST-SST39VF1682-70-4C-EK Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1682-70-4C-EKE SST-SST39VF1682-70-4C-EKE Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1682-70-4I-B3K SST-SST39VF1682-70-4I-B3K Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
More results

Similar Description - SST39VF1682

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF3201C SST-SST39VF3201C Datasheet
363Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com