Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF3201C Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3201C Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST39VF3201C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
©2011 Silicon Storage Technology, Inc.
DS25020A
06/11
10
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Preliminary Specifications
A Microchip Technology Company
Data# Polling (DQ7)
When the SST39VF3201C/3202C are in the internal Program operation, any attempt to read DQ7 will
produce the complement of the true data. Once the Program operation is completed, DQ7 will produce
true data. Note that even though DQ7 may have valid data immediately following the completion of an internal
Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in
subsequent successive Read cycles after an interval of 1 µs. During internal Erase operation, any attempt
to read DQ7 will produce a ‘0’. Once the internal Erase operation is completed, DQ7 will produce a ‘1’.
The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For
Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#)
pulse. See Figure 8 for Data# Polling timing diagram and Figure 22 for a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating “1”s and “0”s, i.e., toggling between 1 and 0. When the internal Program or Erase operation
is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-
, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse.
DQ6 will be set to ‘1’ if a Read operation is attempted on an Erase-Suspended Sector/Block. If Pro-
gram operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check
whether a particular sector is being actively erased or erase-suspended. Table 3 shows detailed status
bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of
Write operation. See Figure 9 for Toggle Bit timing diagram and Figure 22 for a flowchart.
Note: DQ7,DQ6 and DQ2 require a valid address when reading status information.
Table 3: Write Operation Status
Status
DQ7
DQ6
DQ2
RY/BY#
Normal Operation
Standard Program
DQ7#
Toggle
No
Toggle
0
Standard Erase
0
Toggle
Toggle
0
Erase-Suspend
Mode
Read from Erase-Sus-
pended Sector/Block
1
1
Toggle
1
Read from Non- Erase-
Suspended Sector/Block
Data
Data
Data
1
Program
DQ7#
Toggle
N/A
0
T3.0 25020


Similar Part No. - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF3201C-70-4C-B3KE MICROCHIP-SST39VF3201C-70-4C-B3KE Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C-70-4C-B3KE MICROCHIP-SST39VF3201C-70-4C-B3KE Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF3201C-70-4C-EKE MICROCHIP-SST39VF3201C-70-4C-EKE Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
More results

Similar Description - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com