Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5221B-LCC3 Datasheet(PDF) 2 Page - Seme LAB

Part No. 1N5221B-LCC3
Description  ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5221B-LCC3 Datasheet(HTML) 2 Page - Seme LAB

  1N5221B-LCC3 Datasheet HTML 1Page - Seme LAB 1N5221B-LCC3 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 1/99
1N5221B-LCC3
TOB-LCC
1N5281B-LCC3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Max Zener Impedance
Max Reverse Leakage Current
Max Zener Voltage
Temp. Coeff
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
+ 0.097
+ 0.098
+ 0.098
+ 0.099
+ 0.099
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
Nominal
Zener Voltage
Vz @ IZT
Volts
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
ZZT @ IZT
Ohms
6.0
8.0
8.0
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
150
170
185
230
270
330
370
400
500
750
900
1100
1300
1500
1700
1900
2200
2400
2500
ZZK @ IZK = 0.25mA
Ohms
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
2000
2200
2300
2600
3000
4000
4500
4500
5000
5500
5500
6000
6500
7000
IR
mmmmA
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
VR Volts
B, C & D
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
76
84
91
99
106
114
122
129
137
144
152
@
A
5.7
6.2
6.2
6.7
7.6
8.0
8.7
9.4
9.5
10.5
11.4
12.4
13.3
13.3
14.3
16.2
17.1
18.1
20
20
22
24
26
29
31
34
37
41
44
45
49
53
59
65
66
72
80
86
94
101
108
116
123
130
137
144
Test
Current
IZT
mA
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1.1
1.0
0.95
0.90
0.85
0.80
0.74
0.68
0.66
0.65
Part No.
1N5236
1N5237
1N5238
1N5239
1N5240
1N5241
1N5242
1N5243
1N5244
1N5245
1N5246
1N5247
1N5248
1N5249
1N5250
1N5251
1N5252
1N5253
1N5254
1N5255
1N5256
1N5257
1N5258
1N5259
1N5260
1N5261
1N5262
1N5263
1N5264
1N5265
1N5266
1N5267
1N5268
1N5269
1N5270
1N5271
1N5272
1N5273
1N5274
1N5275
1N5276
1N5277
1N5278
1N5279
1N5280
1N5281
ELECTRICAL CHARACTERISTICS @ 25°C continued


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn