Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4003CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 1N4003CSM4
Description  GENERAL PURPOSE SILICON RECTIFIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4003CSM4 Datasheet(HTML) 1 Page - Seme LAB

  1N4003CSM4 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tstg
Storage Temperature Range
-55 to +175 °C
Tj
Max junction temperature
+150°C
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Reverse Voltage
Peak Reverse Voltage
Average Half Wave Rectified
Tamb £ 25 °C
Forward Current
Tamb = 100 °C
D.C Forward Current
Repetitive Peak Forward Current
Non-Repetitive Peak Forward Current (half cycle surge , 60 c.p.s)
200
200
1.0
0.75
1
10
30
1N4003CSM4
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
GENERAL PURPOSE
SILICON RECTIFIER DIODE
Prelim. 6/00
LAB
SEME
VF
Forward Voltage Drop
VF(AV) Full-Cycle average forward
voltage drop
IR
Reverse Current
IR(AV)
Full cycle average reverse current
IF = 1A
IF(AV) = 1A
VR = 50 V , Tamb = 25 °C
VR = 50 V , Tamb = 100 °C
VRRM = 50 V , Tamb = 75 °C
1.1
0.8
10
50
30
V
V
mA
mA
CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
VR
VRRM
IF(AV)
IF
IFRM
IFSM
General Purpose Rectifier Diode
In Hermetic Ceramic Surface Mount Package
For High Reliability Applications
V
V
A
A
A
A
PAD 1 — Cathode
PAD 2 — No Connection
PAD 3 — No Connection
PAD 4 — Anode
(LCC3 PACKAGE)
Underside View
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - 1N4003CSM4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Guangdong Juxing Electr...
1N4003 JUXING-1N4003 Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
EIC discrete Semiconduc...
1N4003 EIC-1N4003 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4003 CENTRAL-1N4003 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
More results

Similar Description - 1N4003CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N4001CSM4 SEME-LAB-1N4001CSM4 Datasheet
12Kb / 1P
   GENERAL PURPOSE SILICON RECTIFIER DIODE
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
   General purpose rectifier diode
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com