Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS50R06W1E3_B11 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FS50R06W1E3_B11
Description  EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS50R06W1E3_B11 Datasheet(HTML) 7 Page - Infineon Technologies AG

  FS50R06W1E3_B11 Datasheet HTML 1Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 2Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 3Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 4Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 5Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 6Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 7Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 8Page - Infineon Technologies AG FS50R06W1E3_B11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
9
!"
!"
< 9
I
9
%
9'
< 9
I
9
%
9'
< 9
I
9
%
9'
< 9
I
9
%
9'
:
9 *
%
'
:
9 *
%
'
:
9 *
%
'
:
9 *
%
'
&^\o / %1m'
&^\o / %1m'
&^\o / %1m'
&^\o / %1m'
JS32 /
ZP (,- /
(
JS32 /
ZP (,- /
(
JS32 /
ZP (,- /
(
JS32 /
ZP (,- /
(
1m u5w
-
5
9
:
;
8
8-
85
8
8:
8
8-
85
8
8:
&^\oP 8MN /
"O;
&^\oP 8MN / " O;
< 9
I
9
%
9'
< 9
I
9
%
9'
< 9
I
9
%
9'
< 9
I
9
%
9'
:
9 *
%
'
:
9 *
%
'
:
9 *
%
'
:
9 *
%
'
&^\o / %JS'
&^\o / %JS'
&^\o / %JS'
&^\o / %JS'
1m / " 5P (,- /
(
1m / " 5P (,- /
(
1m / " 5P (,- /
(
1m / " 5P (,- /
(
JS uZw
-
5
9
:
;
8
8-
85
8
8:
8
8-
&^\oP 8MN /
"O;
&^\oP 8MN / " O;
8
I )
:
I
9
8
I )
:
I
9
8
I )
:
I
9
8
I )
:
I
9
9
9
9
9
€CVhl / % '
€CVhl / % '
€CVhl / % '
€CVhl / % '
u w
8
8
8
8
€CVhl
Yu +I w
Yu w
P "Q
P
"
P
Q
P
"
PQ"
P "
!
P"
P
@8; 8
>
%
9'
@8; 8
>
%
9'
@8; 8
>
%
9'
@8; 8
>
%
9'
@8;
9
%
'
@8;
9
%
'
@8;
9
%
'
@8;
9
%
'
J / %8'
J / %8'
J / %8'
J / %8'
8, uO;w
-
5
:
-
5
JC••


Similar Part No. - FS50R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
680Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11_13 Datasheet
680Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
More results

Similar Description - FS50R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
FS20R06W1E3_B11 INFINEON-FS20R06W1E3_B11 Datasheet
569Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS50R06W1E3 INFINEON-FS50R06W1E3 Datasheet
2Mb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2009-10-30 revision:2.1
FS20R06W1E3 INFINEON-FS20R06W1E3 Datasheet
2Mb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2009-10-30 revision:2.1
F4-75R06W1E3 INFINEON-F4-75R06W1E3 Datasheet
546Kb / 9P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-01-06 revision:3.0
F3L50R06W1E3_B11 INFINEON-F3L50R06W1E3_B11 Datasheet
574Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-09-09 revision:3.0
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
666Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
F4-50R06W1E3 INFINEON-F4-50R06W1E3 Datasheet
542Kb / 9P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-01-06 revision:3.0
F3L30R06W1E3_B11 INFINEON-F3L30R06W1E3_B11 Datasheet
575Kb / 10P
   EasyPACK module with Trench/Feldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-09-09 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com