Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS7994 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TS7994
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TS7994 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TS7994 Datasheet HTML 1Page - Sanyo Semicon Device TS7994 Datasheet HTML 2Page - Sanyo Semicon Device TS7994 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TS7994
No.5962-2/3
30
25
5
10
15
20
0
5
10
15
20
25
0
02
4
6
8
10
13
5
7
9
0
0.2
0.4
0.6
0.8
1.0
1.2
IB=0
5.0A
0.5A
1.0A
6.0A
2.0A
8.0A
3.0A
VCE=5V
25˚C
–40˚C
Ta=120˚C
VCE=5V
120˚C
Ta=–40˚C
IC/ IB=5
VCC=200V
IC/ IB1=6
IB2/ IB1=2.5
R load
tf
tstg
VCC=200V
IC=15A
IB1=2.5A
R load
tf
tstg
4.0A
10.0A
25˚C
0.1
2
3
5
5
7
7
1.0
2
3
5
7
10
2
3
5
5
7
2
3
5
7
7
1.0
10
0.1
7 0.1
33
57 1.0
23
5
5
7 10
22
1.0
0.1
35
7
10
2
35
7
72
2
2
3
5
7
10
1.0
2
3
5
7
100
0.1
35
7 1.0
23
5
5
7
10
23
2
2
3
5
7
0.1
0.01
2
3
5
7
1.0
2
3
5
7
10
0.1
35 7 1.0
23
2
35 7 10
57 100
2
hFE - I C
I C - VCE
I C - VBE
VCE(sat) - I C
SW Time - I C
SW Time - I B2
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Base Current, IB2 –A
IB1
IB2
PW=20
µs
DC
≤1%
INPUT
OUTPUT
50
VR
RB
RL=13.3Ω
100
µF
470
µF
VBE=–2V
VCC=200V
+
+
Switching Time Test Circuit


Similar Part No. - TS7994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7990 SANYO-TS7990 Datasheet
39Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results

Similar Description - TS7994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
   ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7990 SANYO-TS7990 Datasheet
39Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5793 SANYO-2SC5793 Datasheet
53Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5047 SANYO-2SC5047 Datasheet
88Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications???????
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com